Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 66 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 66 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 62Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 63Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 64Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 65Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 66Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 67Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 68Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 69Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 70Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
66
www.honeywell.com/sensing
V7 Series
Miniature Basic Switches
(Continued)
Straight lever
Type -022
VOLTAGE
REFERENCE
250 Vac
V7-1A17D8-022
277 Vac
V7-1B19D8-022
277 Vac
V7-1C17D8-022
277 Vac
V7-1C18E9-022
125 Vac
V7-1S17D8-022
250 Vac
V7-2A17D8-022
277 Vac
V7-2B17D8-022
125 Vac
V7-2S17D8-022
277 Vac
V7-3E17E9-022
125 Vac
V7-3S17D8-022
125 Vac
V7-3S17E9-022
Type -048
VOLTAGE
REFERENCE
277 Vac
V7-1B17D8-048
277 Vac
V7-1C17D8-048
277 Vac
V7-1V19E9-048
277 Vac
V7-2B17D8-048
277 Vac
V7-2B19E9-048
125 Vac
V7-3S17D8-048
277 Vac
V7-6C18D8-048
250 Vac
High temperature
V7-9W1AE9-048
BASIC SWITCHES
Roller lever
Type -201
VOLTAGE
REFERENCE
277 Vac
V7-1C17D8-201
277 Vac
V7-1C17E9-201
125 Vac
V7-1S17D8-201
277 Vac
V7-2B17D8-201
125 Vac
V7-2S17D8-201
277 Vac
V7-7B17D8-201
Type -207
VOLTAGE
REFERENCE
277 Vac
V7-1B10E9-207
277 Vac
V7-1C17D8-207
277 Vac
V7-1C17E9-207
125 Vac
V7-1S17D8-207
277 Vac
V7-1V19E9-207
250 Vac
V7-2A17D8-207
277 Vac
V7-2B17D8-207
125 Vac
V7-7D17D8-207
Simulated roller lever
Type -263
VOLTAGE
REFERENCE
277 Vac
V7-1B17D8-263
277 Vac
V7-1C17D8-263
125 Vac
V7-1S17D8-263
125 Vac
V7-2S17D8-263
125 Vac
V7-3S17E9-263
277 Vac
V7-6C17D8-263
277 Vac
V7-7B19D8-263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com