Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 18 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 18 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 14Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 15Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 16Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 17Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 18Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 19Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 20Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 21Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 22Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
18
www.honeywell.com/sensing
TEMPERATURE - THERMISTORS
Thermistors change resistance with a change in temperature. They do
not amplify, rectify, polarize or generate a signal. The thermistor
temperature may be changed by the surrounding temperature or by
self-heating the thermistor by passing a current through it.
Most applications such as temperature measurement and control or
copper coil compensation require that the power dispersed in a
thermistor be kept to a minimum so as not to perceptibly self-heat the
thermistor. Other applications depend entirely on the self-heating effect.
When the surrounding temperature is fixed, the resistance of a thermistor
is largely a function of power being dispersed within it, raising its
temperature above its environment. Under these operating conditions,
the temperature may rise 100 °C to 200 °C [121 °F to 392 °F] and the
resistance may be lowered to 1/1000th of its original value at low current.
This self-heating characteristic provides a whole field of uses for the
thermistor. In the self-heat state it is thermally sensitive (its resistance will
be changed) to any condition, changing the rate at which heat is
conducted away from it. If the rate of heat removal is ideally fixed, then
the thermistor is sensitive to power input and suited for use in voltage or
power level control applications.
Glass Encapsulated Chip (GEC)
Thermistors
The GECs are high-quality, hermetically-sealed, glass-encapsulated chip
thermistors in an axial lead package. They cover the full temperature
range of -60 °C to 300 °C [-76 °F to 572 °F]. These rugged sensors are
designed for applications which demand reliability at low cost. The
uniform dimensions are ideally suited for automated assembly.
Operating temperature:
-60 °C to 300 °C [-76 °F to 572 °F]
Encapsulation:
DO-35 glass
Lead material:
Tinned copper-clad steel
Dissipation constant (DC):
2.5 mW/°C in still air min.
Time constant (TC):
4 s in still air max.
Resistance range at 25 °C [77 °F]:
1 kOhm to 1 MOhm
Interchangeable R/T curve matched
±1 °C from 0 °C to 100 °C [32 °F to 212 °F]
OHM
R/T CURVE
REFERENCE
10,000
16
135-103LFW-J01
20,000
16
135-203LFW-J01
30,000
16
135-303LFW-J01
50,000
16
135-503LFW-J01
100,000
16
135-104LFW-J01
CHIP
THERMISTOR
4,6
[0.81]
0,51 DIA. TINNED COPPER CLAD STEEL
[0.020]
2,0 DIA.
[0.08]
28,6
[1.125]
GLASS
ENCAPSULATION
OPTIONS
At 25 °C [77 °F]
OHM
% TOLERANCE
R/T CURVE
REFERENCE
1,000
10
10A
135-102DAG-J01
2,000
10
10
135-202FAG-J01
3,000
10
10
135-302FAG-J01
5,000
5
10
135-502FAF-J01
5,000
10
10
135-502FAG-J01
10,000
5
10
135-103FAF-J01
10,000
10
16
135-103FAG-J01
10,000
5
16
135-103LAF-J01
20,000
10
16
135-203LAG-J01
30,000
10
16
135-303KAG-J01
50,000
5
16
135-503LAF-J01
50,000
10
16
135-503LAG-J01
100,000
5
16
135-104LAF-J01
100,000
10
16
135-104LAG-J01
200,000
10
1
135-204QAG-J01
500,000
10
1
135-504QAG-J01
1 M
10
1
135-105QAG-J01
Temperature Sensors -
Thermistors
TEMPERATURE - THERMISTORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com