Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 58 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 58 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 54Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 55Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 56Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 57Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 58Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 59Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 60Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 61Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 62Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
58
www.honeywell.com/sensing
DT Series Basic Switch
DT Series Standard Basic Switches consist of
two independent single-pole double throw
circuits in one housing actuated by one
actuator. The terminals are separated by a non-
conductive shield to reduce shorting.
Voltage:
250 Vac
Electrical rating:
10 A
Operating temperature:
-55 °C to 85 °C
-67 ° F to 185 °F
Termination:
Screw
Contact type:
Silver
Approvals:
CSA, UL
Switching options:
DPDT
Double Pole, Double Throw
OPTIONS
Top pin plunger
REFERENCE
DT-2R-A7
Basic Switch Accessories
A range of accessories is available for BA, BE, BZ
and DT switches, such as the 5PA2 terminal
enclosure. For more information please contact
your local sales office.
TB Series
Miniature Double-break
Basic Switch
TB Series Miniature Double-break Basic Switches
are basic double-break units that offer a means of
controlling isolated circuits. Each circuit may be
driven by an independent voltage source.
Voltage:
250 Vac
Electrical rating:
10 A
Operating temperature:
-55 °C to 125 °C
-67 ° F to 257 °F
Termination:
Solder
Contact type:
Silver
Approvals:
CSA, UL
Switching options:
(SPDT DB)
Single Pole, Double Throw, Double Break
OPTIONS
Top pin plunger
1
2
3
4
0.53
0.50
0.20
0.15
0.24
0.13
0.87 DIA HOLE IN TERMINALS (4)
PLASTIC PLUNGER
1.57
1.825 REF
0.06 MAX PRETRAVEL
0.16 R
0.46
OPERATING
POSITION
0.312 ± .003
0.365
1.25
0.101
DIA HOLE
+.002
- .001
0.101
+.002
- .001
0.532 ± .003
0.03
0.09
0.25
0.50
0.260
0.22
0.113 ± .002 DIA
Dimensions in inches
NOTE-
1 - TERMINALS 1 & 2 NORMALLY CLOSED CIRCUIT
2 - TERMINALS 3 & 4 NORMALLY OPEN CIRCUIT
3 - TERMINALS ARE PLATED FOR SOLDERING
REFERENCE
1TB1-2
BASIC SWITCHES
BA/BE/BZ Series
Basic Switches
(Continued)
Overtravel roller plunger,
perpendicular
REFERENCE
BZ-2RQ181-A2
Straight lever
ELECTRICAL
APPROVALS
LEVER RADIUS
REFERENCE
RATING
20 A
DEMKO
BA-2RV-A2
BZ-2RW80-A2
No return spring
BZ-2RW84-A2
152,4 mm
BZ-2RW863-A2
Roller lever
TERMINATION LEVER
REFERENCE
RADIUS
BZ-2RW822-A2
Solder
BZ-2RW822
Splash resistant
BZ-2RW8225551-A2
One way, BZ-2RW826-A2
32,1 mm
48,3 mm
BZ-2RW82-A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com