Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 5Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 6Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 7Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 8Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 9Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 10Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 11Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 12Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 13Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
9
www.honeywell.com/sensing
140PC Series
Signal conditioning:
Amplified
Supply voltage:
8 Vdc typ., 16 Vdc max.
Operating temperature:
-40 °C to 85 °C
-40 °F to 185 °F
Port style:
Straight
Termination:
PCB
Note: Dimensions shown apply to Differential and Absolute versions.
Gauge units are identical, except the P1 port is absent.
MEASUREMENT
PRESSURE
TERMINATION
REFERENCE
TYPE
RANGE
Gauge/Vacuum Gauge
-15 psi
141PC15G
Differential/Vacuum Gauge
1.0 psi
142PC01D
Gauge
1.0 psi
142PC01G
Gauge
2.0 psi
142PC02G
Differential/Vacuum Gauge
5.0 psi
142PC05D
Differential/Vacuum Gauge
-39 in H
2O to 55 in H2O
142PC05D97
Gauge
5.0 psi
142PC05G
Absolute
15 psia
142PC15A
Absolute
15 psia
Leadwire
142PC15AW95
Gauge
15 psi
142PC15G
Differential/Vacuum Gauge
± 2.5 psi
143PC03D
Differential/Vacuum Gauge
± 5.0 psi
Leadwire
143PC05DW
160PC Series, Low Pressure
Signal conditioning:
Amplified
Supply voltage:
8 Vdc typ., 16 Vdc max.
Operating temperature:
-40 °C to 85 °C
-40 °F to 185 °F
Port style:
Straight
Termination:
PCB
Note: Dimensions shown apply to Differential and Absolute versions.
Gauge units are identical, except the P1 port is absent.
MEASUREMENT
PRESSURE
SUPPLY
REFERENCE
TYPE
RANGE
VOLTAGE
Differential/Vacuum Gauge
0 to 27.68 in H
2O
162PC01D
Differential/Vacuum Gauge
± 5.0 in H
2O
163PC01D36
Differential/Vacuum Gauge
-20 cm to 120 cm H
2O
163PC01D48
Differential/Vacuum Gauge
-20 cm to 120 cm H
2O
5 Vdc
163PC01D61
Differential/Vacuum Gauge
± 2,5 in H
2O
163PC01D75
Differential/Vacuum Gauge
10.0 in H
2O
164PC01D37
Differential/Vacuum Gauge
5,0 in H
2O
164PC01D76
PRESSURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com