Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 27 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 27 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 23Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 24Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 25Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 26Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 27Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 28Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 29Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 30Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 31Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
27
www.honeywell.com/sensing
THERMOSTATS - COMMERCIAL
Commercial thermostats include products for use in a wide array of small
and major appliances, automotive applications, office copy machines,
heat and smoke detectors and HVAC equipment. These snap-action
thermostats include automatic or manual reset options, phenolic or
ceramic housings, and a variety of mounting brackets and terminal
options.
NOTE: The products in this section do not follow the “how to use this
catalogue” instructions provided in the catalogue introduction. Specific
reference numbers are not given due to their custom nature. Please
contact your local Honeywell sales office for ordering information.
Thermostats - Commercial
2450R/2450HR/2455R Series Phenolic
Automatic Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product. These products are factory calibrated to the customer’s
specification.
Reset type:
Automatic
Amperage capacity:
15 A resistive max.
Housing material:
Phenolic
Operating temperature range:
0 °C to 150 °C [32 °F to 302 °F]
Environmental exposure range:
0 °C to 177 °C [32 °F to 350 °F]
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
9,63
[0.379]
2,36 [0.093] DIA.
1,57 [0.062] DEEP
6,73
[0.265]
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,12
[0.359]
12,34
[0.486]
13,94
[0.549]
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
2450R
2450HR
2455R
SERIES NAME
2450R Phenolic Automatic Reset Thermostat
SERIES NAME
2450HR Phenolic Automatic Reset Thermostat
SERIES NAME
2455R Phenolic Automatic Reset Thermostat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com