Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 65 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 65 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 61Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 62Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 63Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 64Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 65Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 66Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 67Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 68Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 69Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
65
www.honeywell.com/sensing
BASIC SWITCHES
V7 Series
Miniature Basic Switches
V5 and V7 Series Basic Switches are used for
simple or precision on/off, end of limit, presence/
absence, pressure, temperature and manual
operator interface application needs.
The V7 Series also offers listings with Single Pole,
Single Throw circuitry (available in either normally
open (NO) or normally closed (NC)
configurations). Refer to our website for details.
Operating temperature:
Standard
-40 °C to 82 °C
-40 °F to 180 °F
High temperature
-40 °C to 200 °C
-40 °F to 350 °F
Termination:
Quick connect (QC)
D8, E8 - 4,8 mm (0.187 in) x 0.5 mm (0.02 in)
E9 - 6,35 mm (0.25 in) x 0,80 mm (0.032 in)
Printed circuit board (PCB)
Electrical rating
Contact Type
V7-*A
5 A
Silver
V7-*B
11 A
Silver
V7-*C/W
15 A
Silver
V7-*D
1 A
Gold alloy
V7-*E
10 A
Silver
V7-*S
100 mA
Gold alloy
V7-*V
21 A
Silver alloy
V7-*Z
25 A
Silver cadmium oxide
Approvals:
CSA, UL, ENEC
V7-*C/D/W
CSA, UL
Switching options:
SPDT
Single Pole Double Throw
AVAILABLE TERMINALS
Quick Connect (QC)
D8 terminals are European approved when used
with electrical ratings A, B, D, E or S. International
approving agencies require that switches with
these terminals have insulated receptacles or
connector.
E8 terminals are European approved when used
with electrical ratings A, B, D, E or S.
E9 terminals are European approved when used
with electrical ratings A, B, D, E, S, V or Z.
Printed circuit board (PO2)
These terminals interface with snap-on receptacles
and other components from AMPNODU
interconnection system.
PCB terminals are European approved when used
with electrical ratings A, B, D, E, S.
OPTIONS
Top pin plunger
10,2
.40
6,4
.25
COM
NC
NO
2,8
.11
1,5
0.06
8,9
.35
0,8
.03
2,4
.10
14,4
.57
22,2
.88
28,8
1.14
3,20
.126
3,46
.134
OPT
18,2
.72
(3)
DIA
3,10
.122
OPT
2,90
.114
10,3
.41
DIA
20,2
.80
2,8
.11
2,8
.11
1,0
.04
2,90
.114
Ø hole (3,10/.122 option)
MAX
Note: The optional mounting hole dimensions
shown above are standard on V5/V7 International
Series switches.
VOLTAGE
TERMINATION
REFERENCE
250 Vac
V7-1A17D8
250 Vac
PCB
V7-1A17P02
250 Vac
V7-1B17D8
250 Vac
V7-1B19E9
250 Vac
V7-1C17D8
277 Vac
V7-1C17E9
277 Vac
V7-1C18E9
125 Vac
V7-1D10D8
277 Vac
V7-1E10D8
277 Vac
PCB
V7-1E17P02
277 Vac
V7-1E19E9
125 Vac
V7-1S17D8
277 Vac
V7-1V19E9
250 Vac
V7-1Z19E9
250 Vac
V7-2A17E9
250 Vac
V7-2B17D8
277 Vac
V7-2B17E9
277 Vac
PCB
V7-2B17P02
125 Vac
V7-2S17D8
250 Vac
V7-3A17D8
277 Vac
V7-3E10E8
277 Vac
V7-3E10E9
277 Vac
V7-3E17D8
277 Vac
V7-3E17E9
277 Vac
V7-3E19E9
125 Vac
V7-3S17E9
250 Vac
V7-4A17D8
250 Vac
V7-4A18E9
125 Vac
V7-4S17D8
125 Vac
V7-5D17E9
277 Vac
V7-6B19D8
277 Vac
V7-6C17D8
277 Vac
V7-7A19D8
Straight lever
Type -002
VOLTAGE
REFERENCE
277 Vac
V7-1C17D8-002
277 Vac
V7-1C17E9-002
277 Vac
V7-2B17E9-002
277 Vac
V7-6C18D8-002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com