Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 59 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 59 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 55Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 56Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 57Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 58Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 59Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 60Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 61Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 62Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 63Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
59
www.honeywell.com/sensing
BASIC SWITCHES
SM and SX Series
Subminiature
Basic Switches
SM and SX Series Subminiature Basic Switches
are used for simple or precision on/off application
needs. These switches combine small size and
light weight with ample electrical capacity,
precision operation and long life. The SX Series
are small, precision, snap-action switches that are
ideal where savings in space and weight are
important.
Voltage:
250 Vac
Operating temperature:
-55 °C to 125 °C
-67 ° F to 257 °F
Termination:
Solder
Contact type:
Silver
Switching options:
SPDT
Single Pole, Double Throw
SM Series
Approvals:
CE, CSA, UL
Ampere rating:
5 A
OPTIONS
Top pin plunger
Approvals:
11SM601-H4
UL, CSA
TERMINATION
REFERENCE
11SM1
Quick connect
11SM601-H4
Straight lever
REFERENCE
Lever length 4,83 mm
111SM1
Roller lever
REFERENCE
111SM2-T
SX Series
Approvals:
CE, CSA, UL
Ampere rating:
5 A
OPTIONS
Top pin plunger
Approvals:
6SX7-T
UL, CSA
CONTACTS
AMPERE RATING
REFERENCE
Silver
7 A
1SX1-T
Silver
3 A
11SX1-T
Gold
1 A
6SX7-T
Straight lever
REFERENCE
Lever length ‘A’ 12,8 mm
311SX2-T
Lever length ‘A’ 24,5 mm
311SX3-T
Simulated roller
REFERENCE
311SX5-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com