Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 15 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 15 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 11Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 12Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 13Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 14Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 15Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 16Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 17Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 18Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 19Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
15
www.honeywell.com/sensing
Relative Humidity/Temperature and Relative Humidity sensors are configured with integrated circuitry to provide
on-chip signal conditioning. These sensors contain a capacitive sensing die set in thermoset polymers that
interacts with platinum electrodes. The laser trimmed sensors have an interchangeability of + 5%RH, with stable,
low drift performance.
Absorption based humidity sensors provide both temperature and %RH (Relative Humidity) outputs. On-chip signal
processing ensures linear voltage output versus %RH. Sensor laser trimming offers + 5%RH accuracy, and achieves
2%RH accuracy with calibration. Packages are chemically resistant and operate in ranges of -40 °C to 85 °C (-40 °F to
185 °F) to accommodate harsh environments.
Supply voltage:
4.0 Vdc to 5.8 Vdc
Operating humidity range:
0 to 100% RH, non-condensing
Operating temperature range:
-40 °C to 85 °C (-40 °F to 185 °F)
HUMIDITY
Humidity
Sensors
HIH Series
OPTIONS
HIH-3610 Monolithic integrated circuit
The HIH-3610 humidity sensor is designed specifically for high volume OEM
(Original Equipment Manufacturer) users. Direct input to a controller or other
device is made possible by this sensor’s linear voltage output. With a typical
current draw of only 200 µA, the HIH-3610 is ideally suited for low drain,
battery powered systems. Tight sensor interchangeability reduces or
eliminates OEM production calibration costs. Individual sensor calibration data
is available.
The HIH-3610 delivers instrumentation quality RH sensing performance in a
low cost, solderable SIP (Single In-line Package). Available in two lead spacing
configurations, the RH sensor is a laser trimmed thermoset polymer capacitive
sensing element with on-chip integrated signal conditioning.
Package style:
Solderable SIP
12,70 MIN
(0.50)
9,47
(0.373)
1,27
(0.050)
2,54
(0.100)
3X 0,38
(0.015)
4,27
(0.168)
-
OUT
+
OUT
-
+
4,27
(0.168)
2,54
(0.100)
5,08
(0.200)
12,19 MIN
(0.480)
1,90
(0.075)
9,47
(0.373)
2,03
(0.080)
3X 0,38
(0.015)
TERMINATION
NIST CERTIFICATION
REFERENCE
2,54 mm (0.100 in) Lead Pitch
None
HIH-3610-001
1,27 mm (0.050 in) Lead Pitch
None
HIH-3610-002
2,54 mm (0.100 in) Lead Pitch
NIST Calibration sensor-specific printout
HIH-3610-003
1,27 mm (0.050 in) Lead Pitch
NIST Calibration sensor-specific printout
HIH-3610-004
CAUTION
PRODUCT DAMAGE
The inherent design of this component causes it to be
sensitive to the electrostatic discharge (ESD). To prevent
ESD-induced damage and/or degradation, take normal ESD
precautions when handling this product.
Failure to comply with these instructions could result in
product damage
HIH-3602 Monolithic integrated circuit
HIH-3602-A and HIH-3602-C Relative Humidity (RH) sensors combine both
relative humidity and temperature sensing in a TO-5 housing with a
hydrophobic sintered stainless steel filter.
The temperature sensor is thermally connected with the RH sensor making the
HIH-3602-A/C ideal for measuring dew point and other absolute moisture
terms.
Package style:
TO-5 can
Termination:
0,46 mm (0.18 in)
Nist Certification:
NIST Calibration sensor-specific printout
TEMPERATURE SENSOR
REFERENCE
100 kOhm ± 5 % @ 25 °C, NTC 0-50 C
HIH-3602-A
1000 Ohm ± 0.2 % @ 0 °C, platinum RTD
HIH-3602-C
HIH-3602-L Integrated circuit
The HIH-3602-L Relative Humidity (RH) sensor delivers instrumentation
quality RH sensing performance in a rugged, low cost, slotted TO-39 housing.
On-board signal conditioning reduces product development times while a
typical current draw of only 200 µA makes the HIH-3602-L perfect for
battery powered systems. This sensor should be shielded from bright
light.
Package style:
T0-39 can
Termination:
0,46 mm (0.18 in)
Nist Certification:
None
REFERENCE
HIH-3602-L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com