Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 28 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 28 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 24Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 25Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 26Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 27Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 28Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 29Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 30Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 31Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 32Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
28
www.honeywell.com/sensing
THERMOSTATS - COMMERCIAL
2450RC/2450RCH/2455RC Series
Ceramic Automatic Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product.
Reset type:
Automatic
Amperage capacity:
15 A resistive max.
Housing material:
Ceramic
Operating temperature range:
0 °C to 260 °C [32 °F to 500 °F]
Environmental exposure range:
–20 °C to 287 °C [0 °F to 550 °F]
2450CM/2455RM Series Ceramic and
Phenolic Manual Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. The circuit will stay open above room ambient
temperature until the manual reset button is pressed. Response to
temperature changes is extremely rapid due to the inherently low mass
of the disc and the small size of the product.
Reset type:
Manual
Amperage capacity:
15 A resistive max.
Housing material:
Ceramic or phenolic
Operating temperature range:
52 °C to 232 °C [125 °F to 450 °F] (ceramic)
52 °C to 150 °C [125 °F to 302 °F] (phenolic)
Environmental exposure range:
10 °C to 260 °C [50 °F to 500 °F] (ceramic)
10 °C to 177 °C [50 °F to 350 °F] (phenolic)
2450RC
0,51
[0.020]
9,63
[0.379]
16,00
[0.379]
2450RCH
2,36 [0.093] DIA.
1,57 [0.062] DEEP
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,04
[0.356]
12,90
[0.508]
14,48
[0.570]
ENCLOSED DISK
2455RC
2450CM
1,04 [0.041] MAX TRAVEL OF
RESET BUTTON
ON CONTACT OPENING
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,04
[0.356]
12,90
[0.508]
14,48
[0.570]
0,51
[0.020]
15,98
[0.629]
9,55
[0.376]
2455RM
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
1,04 [0.041] MAX TRAVEL
OF RESET BUTTON ON
CONTACT OPENING
2,77 DIA. RESET
[0.109] BUTTON
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
15,88 ON CONTACT
[0.625] CLOSING
SERIES NAME
2450RC Ceramic Automatic Reset Thermostat
SERIES NAME
2450RCH Ceramic Automatic Reset Thermostat
SERIES NAME
2455RC Ceramic Automatic Reset Thermostat
SERIES NAME
2450CM Ceramic Manual Reset Thermostat
SERIES NAME
2455RM Phenolic Manual Reset Thermostat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com