Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 38 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 38 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 34Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 35Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 36Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 37Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 38Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 39Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 40Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 41Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 42Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
38
www.honeywell.com/sensing
HEATERS
3400 Series Kapton or High Temperature
Insulated Heaters
The 3400 Series contains etched, resistive foil encased between two
layers of Kapton. The Kapton Insulated Heaters use an acrylic thermoset
bonding adhesive, while the Kapton Insulated High Temperature Heaters
use a Teflon™ bonding adhesive. Insulated heaters are used in
applications where thin profile and or low material outgassing are
important considerations.
Maximum power:
40 W/in2
Operating/storage temp. range:
• Kapton insulated: 177 °C [350 °F] max.
• Kapton high temperature insulated:
260 °C [500 °F] max.
Size constraints:
0,61 m x 0,61 m [24 in x 24 in]
Geometry:
Specific to customer requirements within size constraints
Heater trace pattern:
Specific to customer requirements
ELEMENT
POLYIMIDE
POLYIMID E
ADHESIVE PATCH
609,0 ±25,4
[24.0 ±1.0]
257,3
[10.13]
154,4
[6.08]
78000 Series Transparent Heaters
The 78000 Series heater resistive element consists of a very thin layer of
ITO (Indium Tin Oxide) electrically sputtered on PET polyester film. The
electrical connection is made via silver ink or carbon bus bars laid on top
of the ITO. Wire connections are made via ring terminals eyeleted to the
silver or carbon bus bars or flexible tail/connector. Transparent heaters
are used to warm liquid crystal displays (LCDs) in cold, moist
environments.
Maximum power:
5 W/in2
Operating/storage temp. range:
-40 °C to 85 °C [-40 °F to 185 °F]
Size constraints:
0,60 m x 0,43 m [22 in x 17 in]
Geometry:
Specific to customer requirements within size constraints
Heater trace pattern: Continuous layer of ITO (Indium Tin Oxide) evenly
sputtered across entire surface
SHRINK SLEEVE
INSULATION
2 PLACES
ADHESIVE SIDE
ADHESIVE
THIS SURFACE
6,35
[0.25]
18,15
[0.714]
18,15
[0.714]
159,0 CLEAR
[6.26] VIEW
AREA
170,2
[6.70]
14,95
[0.59]
14,95
[0.59]
212,09 CLEAR VIEW AREA
[8.35]
220,98
[8.70]
508,0 ±12,7
[20.00 ±0.50]
SERIES NAME
3400 Kapton or High Temperature Insulated Heater
SERIES NAME
78000 Transparent Heater



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com