Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 33 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 33 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 29Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 30Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 31Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 32Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 33Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 34Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 35Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 36Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 37Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
33
www.honeywell.com/sensing
THERMOSTATS - PRECISION
3000 Series Custom-packaged
Thermostats
The 3000 Series incorporates a Honeywell thermostat assembled in a
custom package for use in a variety of applications that require flexibility
in mounting and terminal configurations. A typical product includes a
3100 hermetic internal thermostat with a terminal selection, housing
selection and customized part number. These custom package devices
operate in extreme environmental conditions, including exposure to
hazardous substances, dust particles and liquid immersion.
Amperage:
7 A resistive
Housing material:
Stainless steel or brass
Operating temperature range:
-29 °C to 260 °C [-20 °F to 500 °F]
Environmental exposure range:
-62 °C to 288 °C [-80 °F to 550 °F]
Dielectric strength:
MIL-STD-202, Method 301
1250 Vac 60 Hz terminal to case
WIRE LEADS,
LENGTHS
AS REQ'D.
6,35 [0.25] MALE
QUICK CONNECTS
6,35 [0.25] MALE
QUICK CONNECTS
60˚
REF.
22,26 [0.875]
1/2 - 14 NPT
THREAD
SENSING SURFACE
Terminations for 3000-53X*
and 3000-141 Housings
Housings
3000-53X*
3000-141
1
2a
2b
25,4 [1.00]
3/4 - 16 UNF - 3A
THREAD
SENSING SURFACE
SERIES NAME
3000 Custom-packaged Thermostat
Insulation resistance:
MIL-STD-202, Method 302
50 MOhm to 500 MOhm
Contact resistance:
MIL-STD-202, Method 307
50 mOhm max.
Hermetic seal:
MIL-STD-202, Method 112, Condition A
1 x 10-5 atm cc/s
Moisture resistance:
MIL-STD-202 Method 106
HERMETIC
CONNECTOR
BAYONET
OR THREADED
WIRE LEADS,
LENGTHS
AS REQ'D.
1/2 - 14 NPT
THREAD
6,35 [0.25] MALE
QUICK CONNECTS
1/2 - 14 NPT
THREAD
60˚
REF.
6,35 [0.25] MALE
QUICK CONNECTS
1/2 - 14 NPT
THREAD
Terminations for 3000-45X* and 3000-55X* Housings
0
3
4a
4b
WIRE LEADS,
LENGTHS
AS REQ'D.
6,35 [0.25] MALE
QUICK CONNECTS
6,35 [0.25] MALE
QUICK CONNECTS
60˚
REF.
25,4 [1.00]
3/4 - 16 UNF-3A
THREAD
PROBE
LENGTH
SENSING SURFACE
22,26 [0.875]
1/2 - 14 NPT
THREAD
SENSING SURFACE
PROBE
LENGTH
1
2a
2b
3000-55X*
Housings
3000-45X*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com