Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 52 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 52 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 48Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 49Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 50Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 51Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 52Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 53Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 54Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 55Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 56Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
52
www.honeywell.com/sensing
Current sensors monitor ac or dc current. Included are adjustable linear, null balance, digital, and linear current
sensors.
Digital current sensors can sound an alarm, start a motor, open a valve or shut down a pump. The linear signal
duplicates the waveform of the current being sensed, and can be used as a feedback element to control a motor or
regulate the amount of work being done by a machine.
CSN Series
Closed Loop Current Sensors
Closed loop current sensors measure ac, dc and impulse currents over 0-25,
0-50, 0-100, 0-600 and 0-1200 Amp ranges. The CSN series is based on the
Hall effect principle and the null balance or zero magnetic flux method
(feedback system). The magnetic flux in the sensor core is constantly
controlled at zero. The amount of current required to balance zero flux is the
measure of the primary current flowing through the conductor, multiplied by
the ratio of the primary to secondary windings. This closed loop current is the
output from the device and presents an image of the primary current reduced
by the number of secondary turns at any time. This current can be expressed
as a voltage by passing it through a resistor.
The CSN Series has a high overload capacity, a high level of electrical
insulation between primary and secondary circuits and a rapid response rate.
Lightweight and compact, and with no restriction on input current waveform,
the sensors are ideal for variable speed drives, power supplies, feedback
control systems, robotics/welding equipment and general overcurrent
protection.
Sensed current type:
ac or dc
EMC:
EN 50082-2, EN 50081-2
Accuracy:
± 0.5 %
OPTIONS
Multi turn PCB mounted
Housing material:
Bayblend KU2-1468 (UL94-V0)
Mounting:
PCB on 13 pins
SENSED CURRENT RANGE
COIL TURNS
SUPPLY VOLTAGE
REFERENCE
± 36 A
1000 (110 Ohm coil)
± 15 Vdc
CSNE151
12,7 (0.50)
4,0 (0.16)
Ø 1,25 (0.05)
(Primary pin)
Ø 0,80 (0.03)
Secondary pin)
31,8 (1.25)
20,3 (0.80)
PIN 1
PIN 1
7,7 (0.27)
2,9 (0.114)
7,75 (0.305)
9,50 (0.37)
2,54 (0.100)
2,54 (0.100)
1,60 (0.06)
DIRECTION
OF CURRENT
I +
DIRECTION
OF CURRENT
I +
- + 0
SENSED
NOMINAL
COIL TURNS
SUPPLY VOLTAGE
REFERENCE
CURRENT RANGE
CURRENT
± 90 A
25 A
1000 (66 Ohm coil)± 12 Vdc to 15 Vdc
CSNE151-100
± 90 A
50 A
1000 (66 Ohm coil)± 12 Vdc to 15 Vdc
CSNE151-200
CURRENT
Current
Sensors
CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com