Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 35 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 35 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 31Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 32Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 33Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 34Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 35Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 36Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 37Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 38Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 39Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
35
www.honeywell.com/sensing
THERMOSTATS - PRECISION
3450CM/3455RM Series Ceramic and
Phenolic Manual Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. The circuit will stay open above room ambient
temperature until the manual reset button is pressed. Response to
temperature changes is extremely rapid due to the inherently low mass
of the disc and the small size of the product.
Reset type:
Manual
Amperage capacity:
15 A resistive max.
Housing material:
Ceramic or phenolic
Operating temperature range:
52 °C to 232 °C [125 °F to 450 °F] (ceramic)
52 °C to 150 °C [125 °F to 302 °F] (phenolic)
Environmental exposure range:
10 °C to 260 °C [50 °F to 500 °F] (ceramic)
10 °C to 177 °C [50 °F to 350 °F] (phenolic)
3455RBV Series Overmolded Automatic
Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product.
Reset type:
Automatic
Amperage capacity:
15 A resistive max.
Housing material:
Ceramic or phenolic, epoxy overmold
Operating temperature range:
-12 °C to 105 °C [10 °F to 221 °F]
Environmental exposure range:
-18 °C to 121 °C [0 °F to 250 °F]
1,04 [0.041] MAX TRAVEL OF
RESET BUTTON
ON CONTACT OPENING
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,04
[0.356]
12,90
[0.508]
14,48
[0.570]
0,51
[0.020]
15,98
[0.629]
9,55
[0.376]
17,27 DIA.
[0.680]
0,51
[0.020]
18,54
[0.730]
WIRE GAGE AND
INSULATION AS
REQUIRED
AS REQUIRED
AS REQUIRED
3450CM
SERIES NAME
3450CM Ceramic Manual Reset Thermostat
1,04 [0.041] MAX TRAVEL
OF RESET BUTTON ON
CONTACT OPENING
2,77 DIA. RESET
[0.109] BUTTON
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
15,88 ON CONTACT
[0.625] CLOSING
3455RM
SERIES NAME
3455RM Phenolic Manual Reset Thermostat
SERIES NAME
3455RBV Overmolded Automatic Reset Thermostat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com