Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 3Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 4Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 5Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 6Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 7Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 8Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 9Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 10Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
7
www.honeywell.com/sensing
XCA Series
Signal conditioning:
Amplified compensated
Supply voltage:
5 Vdc typ., 16 Vdc max.
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Absolute
15.0 psia
XCA415AN
XCX Series
Signal conditioning:
Unamplified compensated
Supply voltage:
12 Vdc typ., 16 Vdc max.
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
Accuracy grade:
Commercial (1.0 %)
MEASUREMENT
PRESSURE
ACCURACY
REFERENCE
TYPE
RANGE
GRADE
Differential
1.0 psi
XCX01DNC
Differential
1.0 psi
High (0.50 %)
XCX01DNH
Differential
15.0 psi
XCX15DNC
XPC Series
Signal conditioning:
Unamplified compensated
Supply voltage:
12 Vdc typ., 16 Vdc max.
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
Accuracy grade:
Commercial (1.0 %)
MEASUREMENT TYPE
PRESSURE RANGE
PORT STYLE
REFERENCE
Differential
1.0 psi
Axial
XPC01DFC
Differential
15.0 psi
Radial
XPC15DTC
PRESSURE
XSX Series, Low pressure
Signal conditioning:
Unamplified uncompensated
Supply voltage:
12 Vdc typ., 16 Vdc max.
Operating temperature:
-25 °C to 85 °C [-13 °F to 185 °F]
Port style:
Button
Termination:
PCB
Accuracy grade:
Commercial (1.0 %)
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Gauge
4.0 in H
2O
XSXL04GF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com