Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 19 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 19 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 15Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 16Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 17Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 18Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 19Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 20Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 21Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 22Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 23Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
19
www.honeywell.com/sensing
38,1
[1.50]
2,54 MAX
[0.10]
TEMPERATURE - THERMISTORS
Epoxy-coated or Uncoated Chip
Thermistors
Epoxy-coated or Uncoated Chip thermistors are available in a broad
range of custom resistance values and R/T curves. They are also
available in two lead types:
• Uninsulated: 0,2032 mm [0.008 in] diameter, tinned copper for
1 kOhm or less, and tinned copper alloy for greater than 1 kOhm.
• Insulated: 0,254 mm [0.010 in] diameter, nickel wire, Teflon-insulated,
38,1 mm [1.5 in] long and furnished with 6,35 mm [0.25 in] stripped
ends of 0,4064 mm [0.016 in] and 0,508 mm [0.020 in] tin-plated
copper leads.
Operating temperature range:
-40 °C to 125 °C* [-40 °F to 257 °F]*
Encapsulation:
Epoxy-coated or uncoated
Lead material:
• Uninsulated: tinned copper/copper alloy
• Insulated: tinned copper/copper alloy
with nickel wire Teflon
Dissipation constant (DC):
0.75 mW/°C in still air min.
Time constant (TC):
15 s in still air max.
Resistance range at 25 °C [77 °F]:
100 Ohm to 100 kOhm
*Very accurate (±0.2 °C) when used between 0 °C to 70 °C [32 °F to
158 °F]. Other ranges and tolerances are available.
OPTIONS
Epoxy-coated chip
10 % Tolerance at 25 °C [77 °F], uninsulated leads
OHM
R/T CURVE
REFERENCE
100
17
197-101CAG-A01
300
17
197-301CAG-A01
500
10A
197-501DAG-A01
1,000
10A
197-102DAG-A01
2,000
16
197-202LAG-A01
3,000
16
197-302LAG-A01
5,000
16
197-502LAG-A01
10,000
16
197-103LAG-A01
20,000
16
197-203LAG-A01
30,000
18
197-303KAG-A01
50,000
1
197-503QAG-A01
100,000
1
197-104QAG-A01
TEMPERATURE - THERMISTORS
10 % Tolerance at 25 °C [77 °F], insulated leads
OHM
R/T CURVE
REFERENCE
100
17
199-101CAG-A01
300
17
199-301CAG-A01
500
10A
199-501DAG-A01
1,000
10A
199-102DAG-A01
2,000
16
199-202LAG-A01
3,000
16
199-302LAG-A01
5,000
16
199-502LAG-A01
10,000
16
199-103LAG-A01
20,000
16
199-203LAG-A01
30,000
18
199-303KAG-A01
50,000
1
199-503QAG-A01
100,000
1
199-104QAG-A01
1,40 ±0,51
[0.055 ±0.020]
0,76 MAX
[0.030]
1,40 ±0,51
[0.055 ±0.020]
Uncoated chip
10 % Tolerance at 25 °C [77 °F], uninsulated leads
OHM
R/T CURVE
REFERENCE
100
17
195-101CAG-A01
300
17
195-301CAG-A01
500
10A
195-501DAG-A01
1,000
10A
195-102DAG-A01
2,000
16
195-202LAG-A01
3,000
16
195-302LAG-A01
5,000
16
195-502LAG-A01
10,000
16
195-103LAG-A01
20,000
16
195-203LAG-A01
30,000
18
195-303KAG-A01
50,000
1
195-503QAG-A01
100,000
1
195-104QAG-A01
10 % Tolerance at 25 °C [77 °F], insulated leads
OHM
R/T CURVE
REFERENCE
100
17
198-101CAG-A01
300
17
198-301CAG-A01
500
10A
198-501DAG-A01
1,000
10A
198-102DAG-A01
2,000
16
198-202LAG-A01
3,000
16
198-302LAG-A01
5,000
16
198-502LAG-A01
10,000
16
198-103LAG-A01
20,000
16
198-203LAG-A01
30,000
18
198-303KAG-A01
50,000
1
198-503QAG-A01
100,000
1
198-104QAG-A01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com