Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 53 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 53 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 49Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 50Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 51Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 52Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 53Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 54Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 55Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 56Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 57Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
53
www.honeywell.com/sensing
Small housed style
Housing material:
Bayblend FR 1440 (UL94-V0)
Mounting:
PCB on 3 pins
SENSED CURRENT RANGE
COIL TURNS
SUPPLY VOLTAGE
REFERENCE
± 70 A
1000 (90 Ohm coil)
± 15 Vdc
CSNA111
± 90 A
1000 (50 Ohm coil)
± 13 Vdc
CSNC241-500
± 100 A
2000 (160 Ohm coil)
± 15 Vdc
CSNB121
± 100 A
2000 (130 Ohm coil)
± 15 Vdc
CSNB131
Small housed family
Housing material:
Bayblend KU2-1468 (UL94-V0)
Mounting:
PCB on 3 pins
Pinout style ‘A’
SENSED CURRENT RANGE
COIL TURNS
SUPPLY VOLTAGE
REFERENCE
± 90 A
1000 (30 Ohm coil)
± 12 to ± 15 Vdc
CSNP661
± 150 A
2000 (100 Ohm coil)
± 12 to ± 15 Vdc
CSNT651
± 180 A
2000 (100 Ohm coil)
± 15 Vdc
CSNG251
SENSED CURRENT RANGE
COIL TURNS
SUPPLY VOLTAGE
REFERENCE
± 90 A
1000 (30 Ohm coil)
± 12 to ± 15 Vdc
CSNP661-002
± 150 A
2000 (100 Ohm coil)
± 12 to ± 15 Vdc
CSNT651-001
Pinout style ‘B’
SENSED CURRENT RANGE
COIL TURNS
SUPPLY VOLTAGE
REFERENCE
± 150 A
1000 (30 Ohm coil)
± 12 to ± 15 Vdc
CSNF161
± 180 A
2000 (100 Ohm coil)
± 12 to ± 15 Vdc
CSNF151
± 200 A
2000 (100 Ohm coil)
± 12 to ± 15 Vdc
CSNR151
± 200 A
1000 (30 Ohm coil)
± 12 to ± 15 Vdc
CSNR161
SENSED CURRENT RANGE
COIL TURNS
SUPPLY VOLTAGE
REFERENCE
± 150 A
1000 (30 Ohm coil)
± 12 to ± 15 Vdc
CSNF161-002
± 200 A
2000 (100 Ohm coil)
± 12 to ± 15 Vdc
CSNR151-002
± 200 A
1000 (30 Ohm coil)
± 12 to ± 15 Vdc
CSNR161-002
CURRENT
CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com