Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 30 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 30 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 26Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 27Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 28Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 29Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 30Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 31Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 32Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 33Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 34Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
30
www.honeywell.com/sensing
THERMOSTATS - COMMERCIAL
2450R Series Annular Ring Cap
Automatic Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product.
Reset type:
Automatic
Amperage capacity:
15 A resistive, 12 Vdc
Housing material:
Phenolic, can be partially or totally sealed
against water ingress
Operating temperature range:
-10 °C to 55 °C [14 °F to 131 °F]
Environmental exposure range:
-40 °C to 130 °C [-40 °F to 266 °F]
Life Cycle Capability:
300 K at 12 Vdc, 10 A
Low Temperature Differential:
Down to 8 °C [46 °F]
Switch Temperature Tolerance:
±3 °C
2450R/2455R Series Protected
Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Basic thermostat is protected from the environment
by sealing it in a metal housing or encapsulating it in epoxy.
Reset type:
Automatic
Amperage capacity:
15 A resistive, 12 Vdc
Housing material:
Brass, aluminium, stainless steel and epoxy
Operating temperature range:
15 °C to 130 °C [59 °F to 266 °F]
Environmental exposure range:
-40 °C to 155 °C [-40 °F to 311 °F]
2450R Series Fully Sealed Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product.
Reset type:
Automatic
Amperage capacity:
15 A resistive, 12 Vdc
Housing material:
Phenolic housing, aluminium cap totally
encapsulated in water resistant epoxy
Operating temperature range:
-10 °C to 55 °C [14 °F to 131 °F]
Environmental exposure range:
-40 °C to 130 °C [-40 °F to 266 °F]
Life cycle capability:
300 K at 12 Vdc, 10 A
Low temperature differential:
Down to 8 °C [46 °F]
Switch temperature tolerance:
±3 °C
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
9,63
[0.379]
16,1 MAX.
[0.63]
11,5
[0.45]
SERIES NAME
2450R Protected Thermostat
2455R Protected Thermostat
SERIES NAME
2450R Phenolic Annular Ring Cap Automatic Reset Thermostat
SERIES NAME
2450R Fully Sealed Thermostat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com