Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 16 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 16 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 12Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 13Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 14Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 15Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 16Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 17Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 18Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 19Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 20Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
16
www.honeywell.com/sensing
CAUTION
PRODUCT DAMAGE
The inherent design of this component causes it to be
sensitive to the electrostatic discharge (ESD). To prevent
ESD-induced damage and/or degradation, take normal ESD
precautions when handling this product.
Failure to comply with these instructions could result in
product damage
Honeywell’s thin film RTD (Resistance Temperature Detector) temperature sensors feature two distinct series.
These sensors are laser trimmed for accuracy and interchangeability. Linear outputs are stable and fast.
The TD Series Temperature Sensors are silicon-based RTDs. They offer 2000 Ohm nominal resistance at 20 °C.
Temperature range of -40 °C to 150 °C.
The HEL Series Temperature Sensors are platinum RTDs, offering 100 Ohm or 1000 Ohm versions and temperature
ranges of -200 °C to 540 °C.
HEL-700 Series
100/1000 Ohm platinum RTD
Supply voltage:
4 Vdc to 9 Vdc
Base resistance
1000 ± 2 Ohm (± 0.2 %) @ 0 °C (Standard)
and interchangeability:
1000 ± 1 Ohm (± 0.1 %) @ 0 °C (Optional)
OPTIONS
HEL-700
Temperature range:
-200 °C to 540 °C
-300 °F to 1000 °F
Packaging style/Termination:
Radial chip/ribbon leads (Type A)
Radial chip/no leads (Type B)
SMT (Axial) flip chip/no leads (Type C)
Type A
Type B
Type C
Centre lead
not connected
TEMPERATURE - RTDS
Temperature
Sensors -
RTDs
100 Ohm
(0.00385 Ohm/Ohm/°C DIN standard)
PACKAGING STYLE
BASE RESISTANCE AND INTERCHANGEABILITY
REFERENCE
Type A
Standard
HEL-700-T-0-A
Type A
Optional
HEL-700-T-1-A
Type B
Standard
HEL-700-T-0-B
Type B
Optional
HEL-700-T-1-B
1000 Ohm
(0.00375 Ohm/Ohm/°C)
PACKAGING STYLE
BASE RESISTANCE AND INTERCHANGEABILITY
REFERENCE
Type A
Standard
HEL-700-U-0-A
Type A
Optional
HEL-700-U-1-A
Type B
Standard
HEL-700-U-0-B
Type B
Optional
HEL-700-U-1-B
Type C
Standard
HEL-700-U-0-C
Type C
Optional
HEL-700-U-1-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com