Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 48 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 48 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 44Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 45Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 46Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 47Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 48Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 49Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 50Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 51Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 52Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
48
www.honeywell.com/sensing
Optoschmitt detectors
OPTIONS
Metal package
TO-46, dome lensed
Operating temperature:
-40 °C to 100 °C (-40 °F to 212 °F)
Supply voltage:
16.0 V
Output:
10 kOhm Pull-up
Angular response:
12°
OUTPUT LOGIC
TURN-ON THRESHOLD IRRADIANCE
REFERENCE
Buffer
2.5 mW/cm² max.
SD5600-001
Inverter
2.5 mW/cm² max.
SD5610-001
Buffer
0.25 mW/cm²
SD5620-001
Inverter
0.25 mW/cm²
SD5630-001
Plastic package
Side-looking
Operating temperature:
-40 °C to 85 °C (-40 °F to 185 °F)
Supply voltage:
16.0 V
Output:
10 kOhm Pull-up
Angular response:
50°
OUTPUT LOGIC
TURN-ON THRESHOLD IRRADIANCE
REFERENCE
Buffer
2.5 mW/cm² max.
SDP8600-001
Encoder sensors
Operating temperature:
-40 °C to 85 °C (-40 °F to 185 °F)
Turn-on threshold irradiance:
0.05 mW/cm² to 2.0 mW/cm²
Supply voltage:
4.5 Vdc to 5.5 Vdc
Package style:
Plastic, PC mount
OPTIONS
Side-looking - HLC2705
PC mount - HOA0901/0902
OUTPUT OPTION
REFERENCE
Speed and direction
HLC2705-001
Direction, inverting logic
HOA0901-011
Speed and direction, 2 tachometer
HOA0902-011
INFRARED
NOTICE
Housings are soluble in chlorinated hydrocarbons and
ketones. Recommended cleaning agents are methanol and
isopropanol.
INFRARED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com