Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 29 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 29 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 25Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 26Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 27Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 28Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 29Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 30Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 31Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 32Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 33Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
29
www.honeywell.com/sensing
2,36 [0.093] DIA.
1,57 [0.062] DEEP
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,04
[0.356]
12,90
[0.508]
14,48
[0.570]
ENCLOSED DISK
THERMOSTATS - COMMERCIAL
2450A/2455A Series Heat Detection
Thermostats
The gold contacts open or close on a temperature rise of 47 °C to 107 °C
[117 °F to 225 °F].
Reset type:
Automatic
Amperage capacity:
15 A resistive max.
Housing material:
Phenolic, epoxy-sealed cap and terminal
Operating temperature range:
47 °C to 107 °C [117 °F to 225 °F]
Environmental exposure range:
0 °C to 150 °C [32 °F to 302 ° F]
2455RBV Series Overmolded Automatic
Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product.
Reset type:
Automatic
Amperage capacity:
15 A resistive max.
Housing material:
Ceramic or phenolic, epoxy overmold
Operating temperature range:
-12 °C to 105 °C [10 °F to 221 °F]
Environmental exposure range:
-18 °C to 121 °C [0 °F to 250 °F]
2450R/2450RCH/2455R/2455RC Series
“One-shot” ½ in Thermostats
Products are designed for high limit applications where automatic reset
is not desired.
Reset type:
None
Amperage capacity:
15 A resistive max.
Housing material:
ceramic or phenolic
Operating temperature range:
52 °C to 260 °C [125 °F to 500 °F] (ceramic)
52 °C to 150 °C [125 °F to 302 °F] (phenolic)
Environmental exposure range:
18 °C to 316 °C [0 °F to 600 °F] (ceramic)
18 °C to 177 °C [0 °F to 350 °F] (phenolic)
2450A
2455A
0,51
[0.020]
9,63
[0.379]
2455RBV
2450R
2450RCH
2455R
2455RC
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
9,63
[0.379]
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
17,27 DIA.
[0.680]
0,51
[0.020]
18,54
[0.730]
WIRE GAGE AND
INSULATION AS
REQUIRED
AS REQUIRED
AS REQUIRED
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
0,51
[0.020]
11,91
[0.469]
SERIES NAME
2450A Heat Detection Thermostat
SERIES NAME
2455A Heat Detection Thermostat
SERIES NAME
2455RBV Overmolded Automatic Reset Thermostat
SERIES NAME
2450R Phenolic “One-shot” ½ in Thermostat
SERIES NAME
2450RCH Ceramic “One-shot” ½ in Thermostat
SERIES NAME
2455R Phenolic “One-shot” ½ in Thermostat
SERIES NAME
2455RC Ceramic “One-shot” ½ in Thermostat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com