Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 64 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 64 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 60Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 61Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 62Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 63Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 64Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 65Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 66Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 67Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 68Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
64
www.honeywell.com/sensing
V5 Series
Miniature Basic Switches
V5 Series Basic Switches are used for simple or
precision on/off, end of limit, presence/absence,
pressure, temperature and manual operator
interface application needs.
Voltage:
250 Vac
Operating temperature:
Standard
-55 °C to 85 °C
-67 °F to 185 °F
High temperature
-55 °C to 150 °C
-67 °F to 302 °F
Termination:
6,3 mm x 0,8 mm Quick connect
(QC)
Contact type:
Silver/silver cadmium oxide
Electrical rating:
V5A
20 A
V5B/P/R
16 A
V5C/D
10 A
V5S
22 A
Switching options:
SPDT
Single Pole Double Throw
OPTIONS
Top pin plunger
NC 2
NO 4
C1
22,2
20,2
2,8
Ø3,1
2,8
3,1
10,3
3,4
Lever slot position 1
Lever slot position 2
10,3
4,4
28,8
14,1
8,1
2,8
15,9
14,7
Operating
position
APPROVALS
REFERENCE
CE, ENEC
V5A010CB
CE, CSA, ENEC, UL
V5B010CB3
CE, CSA, UL
4,8 mm x 0,5 mm QC
V5B010FB3
CE, ENEC
Solder terminals
V5B010TB
CE, ENEC
High temperature
V5B210CB
CE, ENEC
V5C010BB
CE, CSA, ENEC, UL
4,8 mm x 0,5 mm QC
V5C010EB3
CE, CSA, ENEC, UL
Solder terminals
V5C010TB3
CE, ENEC
V5P010CB
APPROVALS
SWITCHING OPTIONS
REFERENCE
CE, ENEC
SPNO
V5D030BB
CE, ENEC
SPNO
V5R030CB
CE, BEAB
SPNC
V5S020CB
CE, BEAB
SPNO
V5S030CB
Straight lever
Type B
15,3
(O.P.)
1,6
(P.T.)
22
8,1
APPROVALS
REFERENCE
CE, CSA, ENEC, UL
V5C010BB3B
Type C
35,6
3,2
(P.T.)
15,3
(O.P.)
8,1
APPROVALS
REFERENCE
CE, ENEC
High temperature
V5B210CB1C
Type G
59,5
15,3
(O.P.)
6,4
(P.T.)
8,1
APPROVALS
REFERENCE
CE, ENEC
V5C010BB1G
Roller lever
Type D
20,6
1,6
(P.T.)
20,6
(O.P.)
8,1
APPROVALS
REFERENCE
CE, CSA, ENEC, UL
High temperature
V5B210CB3D
CE, CSA, ENEC, UL
V5C010BB3D
Type E
20,6
(O.P.)
3,2
(P.T.)
34
8,1
APPROVALS
REFERENCE
CE, CSA, ENEC, UL
Lever position 2
V5A010CB4E
CE, ENEC
High temperature
V5B210CB1E
BASIC SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com