Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 41 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 41 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 37Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 38Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 39Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 40Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 41Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 42Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 43Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 44Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 45Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
41
www.honeywell.com/sensing
THERMAL CUTOFFS
RD Series
The RD Series responds to temperature by interrupting an electrical
circuit when the operating and/or environmental temperature exceeds
the thermal rating of the fuse. This is accomplished when the organic
pellet experiences a phase change, allowing the spring activated
contacts to permanently open the circuit.
The electrical resistance of an RD Series thermal cutoff is comparable to
that found in an equal length of 18 gauge solid copper wire. With
proper heat flow, heat generation below 15 A is minimal. Above 15 A,
the upper limit on current capacity will depend on the environment for
each specification
Operating temperature range:
72 °C to 240 °C [162 °F to 464 °F]
Envirnmental exposure range:
see notice
RDXXX-001
RDXXX-002
NAME
RDXXX-002
NAME
RDXXX-001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com