Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 60 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 60 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 56Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 57Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 58Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 59Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 60Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 61Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 62Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 63Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 64Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
60
www.honeywell.com/sensing
ZM, ZX, ZV and ZW Series Subminiature
Basic Switches
ZM, ZX, ZV and ZW Series Subminiature Basic Switches are cost-
effective devices used for simple on/off applications. These switches
combine small size and light weight with ample electrical capability and
long life. Plastic lever capability is available on the ZV Series.
Electrical rating:
0.1 A, 3 A, 5 A or 10.1 A
Voltage:
125/250 Vac
Operating temperature:
25 °C to 85 °C [-13 °F to 185 °F]
Termination:
Quick connect, solder, PCB
Contact type:
Gold or silver
Switching options:
SPDT
ZM Series
Approvals:
UL/CSA
Electrical rating:
0.1 A, 5 A or 10.1 A
OPTIONS
Top pin plunger
TERMINATION
ELECTRICAL RATING
CONTACT TYPE
REFERENCE
Quick connect
5 A
silver
ZM50E70A01
Solder
5 A
silver
ZM50E10A01
PCB
10.1 A
silver
ZM90G20A01
Solder
0.1 A
gold
ZM10B10A01
TERMINATION
ELECTRICAL RATING
CONTACT TYPE
REFERENCE
Quick connect
5 A
silver
ZM50E70D01
Solder
5 A
silver
ZM50E10D01
Straight lever
Simulated roller lever
TERMINATION
ELECTRICAL RATING
CONTACT TYPE
REFERENCE
Quick connect
5 A
silver
ZM50E70E01
Solder
5 A
silver
ZM50E10E01
BASIC SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com