Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 42 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 42 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 38Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 39Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 40Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 41Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 42Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 43Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 44Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 45Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 46Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
42
www.honeywell.com/sensing
SS49/490 Series
Ratiometric hall effect
linear position sensor
Package style:
Radial lead IC
Supply voltage:
4.5 to 10.5 Vdc
Operating temperature:
-40 °C to 150 °C
-40 °F to 302 °F
Magnetic range:
-670 to 670 Gauss
OPTIONS
Temperature compensated
Gate
2X 3˚
2X 48˚
2,54
0.10
4,06
0.16
3,0
1.12
3,2
0.125
15,0
0.59
0,76
0.03
1,3
0.05
2 x
0
+
-
0
+
-
3 x
3 x
MAX
MAX
3 x
0,4
0.015
0,7
0.025
1,75
0.07
1
PACKAGE STYLE
REFERENCE
SS495A
High accuracy
SS495A1
High accuracy
Surface mount
SS495A1-S
Surface mount reel
SS495A-SP
Honeywell’s Solid State Position Sensor family includes digital and analog Hall-effect position
sensors, magnetoresistive digital sensors, Hall-effect vane sensors, gear tooth sensors, Hall-effect
basic switches, and magnets. Solid State Position Sensors are reliable, high speed, long life,
sensors and are directly compatible with other electronic circuits.
Position sensors are used in applications which require accurate, reliable outputs. They are found in
brushless dc motors, utility meters, welding equipment, vending machines, home appliances,
computers, etc.
SS40/400 Series
Hall effect digital
position sensor
SS400 Series position sensors have a thermally
balanced integrated circuit over full temperature
range. The negative compensation slope is
optimized to match the negative temperature
coefficient of lower cost magnets. Bipolar, latching
and unipolar magnetics are available.
Band gap regulation provides extremely stable
operation over 3.8 Vdc to 30 Vdc supply voltage
range.
Package style:
Radial lead IC
Supply voltage:
3.8 Vdc to 30 Vdc
Operating temperature:
-40 °C to 150 °C
-40 °F to 302 °F
1,3
0.05
(2)
(3)
(3)
1,7
0.07
4,1
0.16
2,5
0.10
48˚ (2)
3˚ (2)
3,0
0.12
14,99
0.59
0
0,43
0.017
0,38
0.015
Hall element
centre
_
+
OPTIONS
MAXIMUM Operating Point and MINIMUM
Release Point are specified @ 25 °C
Bipolar - temperature compensated
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
60 Gauss
-60 Gauss
SS411A
140 Gauss
-140 Gauss
SS413A
Bipolar - non temperature
compensated
Supply voltage:
4.5 to 24 Vdc
Operating temperature:
-55 °C to 150 °C
-67 °F to 302 °F
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
150 Gauss
-140 Gauss
SS41
Unipolar - temperature
compensated
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
115 Gauss
20 Gauss
SS441A
180 Gauss
75 Gauss
SS443A
390 Gauss
235 Gauss
SS449A
Bipolar latching- temperature
compensated
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
85 Gauss
-85 Gauss
SS461A
180 Gauss
-180 Gauss
SS466A
POSITION
Position Sensors
POSITION SENSORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com