Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 55 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 55 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 51Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 52Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 53Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 54Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 55Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 56Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 57Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 58Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 59Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
55
www.honeywell.com/sensing
PCB bottom mount
SENSED CURRENT RANGE
SUPPLY VOLTAGE
REFERENCE
0 to 57 A
8 to 16 Vdc
CSLA1CD
0 to 72 A
6 to 12 Vdc
CSLA2CD
0 to 100 A
8 to 16 Vdc
CSLA1CF
0 to 150 A
8 to 16 Vdc
CSLA1CH
PCB bottom mount
SENSED CURRENT RANGE
SUPPLY VOLTAGE
REFERENCE
0 to 310 A
6 to 12 Vdc
CSLA2EJ
0 to 550 A
6 to 12 Vdc
CSLA2EL
0 to 625 A
8 to 16 Vdc
CSLA1EL
0 to 765 A
6 to 12 Vdc
CSLA2EM
0 to 950 A
6 to 12 Vdc
CSLA2EN
PCB side mount
SENSED CURRENT RANGE
SUPPLY VOLTAGE
REFERENCE
0 to 57 A
8 to 16 Vdc
CSLA1GD
0 to 72 A
6 to 12 Vdc
CSLA2GD
CURRENT
PCB side mount
SENSED CURRENT RANGE
SUPPLY VOLTAGE
REFERENCE
± 45 A
4.5 to 10.5 Vdc
CSLH3A45
Digital current sensor
OPERATE CURRENT
SUPPLY VOLTAGE
REFERENCE
3.5 A.t Nominal
6 to 16 Vdc
CSDA1BC
CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com