Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 36 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 36 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 32Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 33Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 34Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 35Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 36Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 37Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 38Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 39Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 40Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
36
www.honeywell.com/sensing
THERMOSTATS - PRECISION
3450R/3450RC/3450RCH/3455R/3455RC
Series “One-shot” ½ in Thermostats
Products are designed for high limit applications where automatic reset is
not desired.
Reset type:
None
Amperage capacity:
15 A resistive max.
Housing material:
Ceramic or phenolic
Operating temperature range:
52 °C to 260 °C [125 °F to 500 °F] (ceramic)
52 °C to 150 °C [125 °F to 302 °F] (phenolic)
Environmental exposure range:
18 °C to 316 °C [0 °F to 600 °F] (ceramic)
18 °C to 177 °C [0 °F to 350 °F] (phenolic)
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
3455RC
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
3455R
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
9,63
[0.379]
3450R
0,51
[0.020]
9,63
[0.379]
16,00
[0.379]
3450RC
SERIES NAME
3450R Phenolic “One-shot” ½ in Thermostat
3450RCH
2,36 [0.093] DIA.
1,57 [0.062] DEEP
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,04
[0.356]
12,90
[0.508]
14,48
[0.570]
ENCLOSED DISK
SERIES NAME
3450RC Ceramic “One-shot” ½ in Thermostat
SERIES NAME
3450RCH Ceramic “One-shot” ½ in Thermostat
SERIES NAME
3455R Phenolic “One-shot” ½ in Thermostat
SERIES NAME
3455RC Ceramic “One-shot” ½ in Thermostat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com