Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 8Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 9Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 10Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 11Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 12Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 13Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 14Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 15Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 16Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
12
www.honeywell.com/sensing
AWM90000 Series
The AWM90000 Series microbridge mass airflow sensors are available in
two versions, mass flow and differential pressure. The AWM92100V has
a flow range of ±200 sccm with a pressure drop of only 0.49 mBar,
typically. The AWM92200V is a differential pressure version that has a
range of ±2 in H
2O.
The AWM90000 Series has a 1 ms response time, operates with a
supply voltage from 8.0 Vdc to 15.0 Vdc, while consuming only 50 mW
of power. The compact plastic package will withstand a maximum
overpressure of 25 psi without compromising performance.
Signal Conditioning:
Unamplified
Port Style:
Straight
FLOW RANGE (FULL SCALE)
PRESSURE RANGE
REFERENCE
±200 sccm
—
AWM92100V
—
±2.0 H
2O (5 mBar)
AWM92200V
MASS AIRFLOW
CAUTION
PRODUCT DAMAGE
AWM Series Microbridge Mass Airflow
Sensors are not designed to sense
liquid flow and will be damaged by
liquid flow through the sensor.
Failure to comply with these
instructions could result in product
NOTICE
LAMINAR FLOW
Due to the fast response time of the sensor, these
specifications were generated using laminar flow. Airflow
instability or “turbulence” present in the airstream will
result in an increase in measurement uncertainty.
The turbulent flow problem can be corrected by either
straightening the airflow using flow laminarizing or by
slowing the response of the sensor using a simple RC
time constant on the output of the sensor. This, of course,
slows down the sensor response time. The values needed
depend on the amount of turbulence present in the
application.
Several techniques for laminarizing the flow include
adding hex shaped honeycombs, foam, screen materials
or adding constrictors (frits) to the flow stream. There are
various commercial laminar flow elements that can be
purchased. Unfortunately the greater the efficiency of the
laminarizer, the greater the increase in pressure drop in
order to establish a given flow rate. Plastic honeycomb
material probably gives the most improvement for the
least pressure drop. In any test fixture, the avoidance of
sharp radii is an absolute requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com