Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 25 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 25 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 21Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 22Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 23Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 24Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 25Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 26Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 27Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 28Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 29Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
25
www.honeywell.com/sensing
Air Conditioning Temperature Sensor
Probes
A fully overmolded and protected sensor incorporating a specially
developed NTC (Negative Temperature Coefficient) to withstand very
aggressive, damp operating conditions. The housing is snap fit for easy
assembly.
Operating temperature range:
-30 °C to 100 °C [-22 °F to 212 °F]
Encapsulation:
Special NTC epoxy coating
Lead material:
Terminals are 2,8 mm x 0,8 mm [0.11 in x 0.03 in]
brass with a copper flash protection layer with
final plating to customer requirement (silver, tin, gold, etc.)
Dissipation constant:
2.5 mW/°C in still air
Time constant:
2 s in water, 15 s max. in still air
Resistance range at 25 °C [77 °F]
9 kOhm at 0 °C [32 °F] ±1.5 %
Refrigerant Temperature Sensor Probes
A fully sealed, quick response temperature sensor suitable for use in
HVAC systems.
Operating temperature range:
-40 °C to 140 °C [-40 °F to 284 °F]
Encapsulation:
NTC (Negative Temperature Coefficient) encapsulated in a
thermal heat paste
Lead material:
Terminals are 1,5 mm x 0,6 mm [0.06 in x 0.02 in]
brass with a copper flash protection layer with final
plating to customer requirement (silver, tin, gold, etc.)
Dissipation constant:
Tor values (time to reach 63.2 % of the difference
between two temperatures) are typically 10 s
rising temperature and 6 s falling temperature
Time constant:
None
Resistance range at 25 °C [77 °F]
2.5 kOhm at 20 °C [68 °F],
calibrated at ±3 % at 100 °C [212 °F]
Earth Return (Ground) Temperature
Sensor Probes
An all-metal temperature sensor, with the body being the ground,
incorporating a flat disc thermistor held flush on the base of the body by
a spring-loaded pressure pad. This sensor provides a quick response to
small variations in high temperature changes.
Operating Temperature Range:
-40 °C to 155 °C [-40 °F to 311 °F]
Encapsulation:
NTC (negative temperature coefficient)
encapsulated in a silicone paste
Lead Material:
Standard Lucar type or other variations
Dissipation Constant:
3 mW/°C in still air
Time Constant:
10 s in automotive coolant
Resistance Range at 25 °C [77 °F]
Per customer requirements
Surface Temperature Sensor Probes
Sensor assembly is designed to have good heat conductivity between the
thermistor element and the area to be monitored. Time response is
consistent with the thermal conductivity of the surface being measured.
Multiple configurations allow sensor to be mounted, bolted, riveted or
attached adhesively.
Operating temperature range:
-60 °C to 150 °C [-76 °F to 302 °F]
Encapsulation:
Thermally conductive epoxy used to pot
discrete component into surface-style housing
Lead material:
Insulated lead wires and terminals when required, other
options available
Dissipation constant:
3.3 mW/°C to 12 mW/°C
(varies with size and housing style)
Time constant:
1 s to 40 s (application dependent)
Resistance range at 25 °C [77 °F]
Per customer requirements
TEMPERATURE - PROBES
NAME
Air Conditioning Temperature Sensor Probe
NAME
Refrigerant Temperature Sensor Probe
NAME
Earth Return (Ground) Temperature Sensor Probe
NAME
Surface Temperature Sensor Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com