Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 20 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 20 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 16Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 17Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 18Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 19Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 20Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 21Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 22Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 23Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 24Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
20
www.honeywell.com/sensing
Disc Thermistors
Uncoated or epoxy-coated Disc thermistors are available in a broad
range of custom resistance values and R/T curves. They are only
available with uninsulated leads. Diameters range from 2,54 mm [0.1 in]
to 10,16 mm [0.4 in]. They are ideally suited for low cost applications
with a maximum temperature of 150 °C [302 °F]. They are also well
suited for PC board mount and are available on tape and reel.
Operating temperature range:
-60 °C to 150 °C [-76 °F to 302 °F]
Encapsulation:
Epoxy-coated or uncoated
Lead material:
Uninsulated: tinned copper/copper alloy
Dissipation constant (DC):
Varies with size,
ranges from 3 mW/°C to 8 mW/°C
Time constant (TC):
Varies with size,
ranges from 10 s to 32 s
Resistance range at 25 °C [77 °F]:
100 Ohm to 100 kOhm
10 % Tolerance at 25 °C [77 °F]
Lead diameter 0,4064 mm [0.016 in]
Lead spacing 2,54 mm [0.1 in]
OHM
R/T CURVE
DC MIN.
TC MAX.
REFERENCE
500
10
3
10
140-501FAG-RB1
1,000
10
4
10
140-102FAG-RB1
3,000
16
3
10
140-302LAG-RB1
5,000
16
4
10
140-502LAG-RB1
10,000
16
4
10
140-103LAG-RB1
50,000
1
3
10
140-503QAG-RB1
100,000
1
3
10
140-104QAG-RB1
TEMPERATURE - THERMISTORS
TEMPERATURE - THERMISTORS
38,1
[1.50]
LEAD SPACING
6,35
[0.25]
OPTIONS
Epoxy-coated chip
10 % Tolerance at 25 °C [77 °F]
Lead diameter 0,508 mm [0.020 in]
Lead spacing 5,08 mm [0.2 in]
OHM
R/T CURVE
DC MIN.
TC MAX.
REFERENCE
100
10
4
16
143-101FAG-RC1
200
10
5
18
143-201FAG-RC1
300
10
6
20
143-501FAG-RC1
1,000
16
6
20
143-102LAG-RC1
3,000
16
6
22
143-302LAG-RC1
5,000
16
7
35
143-502LAG-RC1
10,000
1
4
20
143-103QAG-RC1
30,000
1
6
25
143-303QAG-RC1
50,000
1
7
30
143-503QAG-RC1
UNI-CURVE Interchangeable Thermistors
The UNI-CURVE Interchangeable thermistors are temperature-matched.
They offer additional cost savings by eliminating the need for individual
resistance temperature calibration, as well as standardization of circuit
components and simplification of design and replacement problems.
Operating temperature range:
-40 °C to 150 °C* [-40 °F to 302 °F]*
Encapsulation:
Epoxy-coated
Lead material:
Tinned copper alloy
Dissipation constant (DC):
0.75 mW/°C in still air min.
Time constant (TC):
15 s in still air max.
Resistance range at 25 °C [77 °F]:
1 kOhm to 100 kOhm
*Very accurate (±0.2 °C) when used between 0 °C to 70 °C [32 °F to
158 °F]. Other ranges and tolerances are available.
38,1
[1.50]
2,4
[0.095]
0,2032 DIA. TINNED COPPER ALLOY
[0.008]
±0,5 °C Tolerance at 25 °C [77 °F]
0 °C to 70 °C [32 °F to 158 °F]
OHM
R/T CURVE
REFERENCE
1,000
10A
192-102DEV-A01
2,252
16
192-222LEV-A01
3,000
16
192-302LEV-A01
5,000
16
192-502LEV-A01
10,000
16
192-103LEV-A01
30,000
18
192-303KEV-A01
30,000
1
192-303QEV-A01
50,000
1
192-503QEV-A01
100,000
1
192-104QEV-A01
±1,0 °C Tolerance at 25 °C [77 °F]
0 °C to 70 °C [32 °F to 158 °F]
OHM
R/T CURVE
REFERENCE
1,000
10A
192-102DEW-A01
2,252
16
192-222LEW-A01
3,000
16
192-302LEW-A01
5,000
16
192-502LEW-A01
10,000
16
192-103LEW-A01
30,000
18
192-303KEW-A01
30,000
1
192-303QEW-A01
50,000
1
192-503QEW-A01
100,000
1
192-104QEW-A01
OPTIONS
±0,2 °C Tolerance at 25 °C [77 °F]
0 °C to 70 °C [32 °F to 158 °F]
OHM
R/T CURVE
REFERENCE
1,000
10A
192-102DET-A01
2,252
16
192-222LET-A01
3,000
16
192-302LET-A01
5,000
16
192-502LET-A01
10,000
16
192-103LET-A01
30,000
18
192-303KET-A01
30,000
1
192-303QET-A01
50,000
1
192-503QET-A01
100,000
1
192-104QET-A01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com