Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 32 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 32 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 28Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 29Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 30Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 31Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 32Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 33Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 34Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 35Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 36Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
32
www.honeywell.com/sensing
THERMOSTATS - PRECISION
3150/3156 Series Low Silhouette
Hermetic Thermostats
The 3150/3156 Series is a single pole, single throw switch activated by a
snap-action bimetal disc. Temperature calibrations are pre-set at the
factory and each unit is 100% thermally and mechanically inspected. It is
available to open or close on temperature rise. The case is laser welded to
form a hermetically-sealed steel housing with a glass-to-metal seal at the
terminal junction. The low silhouette and compact design make it
especially well suited for applications that require miniaturization. The
3156 Series has gold alloy contacts for low voltage applications.
Amperage:
0.5 A resistive (3156 Series)
7 A resistive (3150 Series)
Housing material:
Steel housing with glass-to-metal seal at
terminal junction
Operating temperature range:
-29 °C to 177 °C [-20 °F to 350 °F]
Environmental exposure range:
-62 °C to 260 °C [-80 °F to 500 °F]
Dielectric strength:
MIL-STD-202, Method 301
750 Vac 60 Hz terminal to case (3150, 3156 Series)
1250 Vac 60 Hz terminal to case (3150U, 3156U Series)
1500 Vac 60 Hz terminal to case (3150UX Series)
Insulation resistance:
MIL-STD-202, Method 302, Condition B
50 MOhm, 500 Vdc applied
Contact resistance:
MIL-STD-202, Method 307
25 mOhm (3156 Series)
50 mOhm (3150 Series)
Hermetic seal:
MIL-STD-202, Method 112, Condition A
1x10-5 atm cc/s
Moisture resistance:
MIL-STD-202 Method 106
3800 Series Industrial-Grade Thermostats
for Severe Duty Applications
The 3800 Series is used where high levels of vibration and mechanical
shock are common but a military device is not required. It is easily
customized for use in a variety of applications.
Amperage:
7 A resistrive
Housing material:
Steel housing with glass-to-metal seal at terminal junction
Operating temperature range:
-29 °C to 260 °C [-20 °F to 500 °F]
Environmental exposure range:
-62 °C to 260 °C [-80 °F to 500 °F]
Dielectric strength:
MIL-STD-202, Method 301
1250 Vac terminal to case
Insulation resistance:
MIL-STD-202, Method 302, Condition B
50 MOhm min. terminal to case
Contact resistance:
MIL-STD-202, Method 307
50 mOhm max.
Hermetic seal:
MIL-STD-202, Method 112, Condition A
1 x 10-5 atm cc/s
Moisture resistance:
MIL-STD-202, Method 106
Vibration (random):
MIL-STD-202, Method 214
30 g, 20 Hz to 2,000 Hz
Vibration (sinusoidal):
MIL-STD-202, Method 204,
Condition D 20 G, 20 Hz to 2,000 Hz
Mechanical shock:
MIL-STD-202, Method 213, 400 G
Thermal shock:
MIL-STD-202. Method 107, Condition B
Acceleration:
MIL-STD-202, Method 212, 20 G
SERIES NAME
3150 Low Silhouette Hermetic Thermostat
3150U Low Silhouette Hermetic Thermostat
3150UX Low Silhouette Hermetic Thermostat
3156 Low Silhouette Hermetic Thermostat
3156U Low Silhouette Hermetic Thermostat
SERIES NAME
3800 Industrial Grade Thermostat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com