Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 37 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 37 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 33Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 34Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 35Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 36Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 37Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 38Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 39Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 40Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 41Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
37
www.honeywell.com/sensing
HEATERS
Heaters are resistive devices that are used in a variety of applications
such as airborne valves, appliances, satellites and medical electronics.
They are available in flat, molded-to-shape, spiral wrap, transparent,
composite and high temperature configurations. Honeywell uses a
variety of materials to manufacture its heaters. These include silicone,
which can easily be vulcanized to metal parts; Kapton, noted for its
thermal stability over a wide temperature range; as well as other flexible
dielectric materials. Heaters are available with single, multiple or variable
watt densities to customize heat output to unique application needs. They
may also be bonded to other system parts or combined with Honeywell
thermostats, thermistors, thermocouples, temperature sensors and
thermal fuses to form custom-engineered heating systems. Optional PSA
(Pressure Sensitive Adhesive) is available with all series.
NOTE: The products in this section do not follow the “how to use this
catalogue” instructions provided in the catalogue introduction. Specific
reference numbers are not given due to their custom nature. Please
contact your local Honeywell sales office for ordering information.
Heaters
PATCH (SILICONE)
WHITE WIRE 2 PLACES
ELEMENT
SILICONE
SILICONE
HEATER SIDE VIEW
(EXPLODED)
LEADWIRES
152,4
[6.00]
44,6
[1.76]
609,6 ±12,7
[24.0 ±0.50]
SILICONE
ELEMENT
HEATER SIDE VIEW
(EXPLODED)
LEADWIRES
SILICONE
PATCH (SILICONE)
WHITE WIRE 2 PLACES
25,4
[1.00]
25,4
[1.00]
609,6 ±12,7
[24.0 ±0.50]
3200 Series Silicone Chemically-etched
Heaters
The 3200 Series contains resistive foil traces encased between two layers
of fiberglass-supported silicone rubber. All bonding adhesives are
uncured silicone rubber. These heaters are cured under pressure and
temperature during their manufacturing. They are the optimal choice for
multiple watt densities or varying trace geometry requirements.
Maximum power:
40 W/in2
Operating/storage temperature range:
250 °C [482°F] max.
200 °C [392 °F] max. (UL)
Size constraints:
0,61 m x 0,61 m [24 in x 24 in]
Geometry:
Specific to customer requirements
Heater trace pattern:
Specific to customer requirements
3100 Series Silicone Wire-wound Heaters
The 3100 Series contains resistive wire encased between two layers of
fiberglass-supported silicone rubber. All bonding adhesives are uncured
silicone rubber. These heaters are cured under pressure and
temperature during manufacturing. The multi-stranded resistance wires
allow wire-wound heaters to conform to three dimensional shapes.
Optional PSA (Pressure Sensitive Adhesive) is available with all series.
Maximum power:
40 W/in2
Operating/storage temperature range:
250 °C [482 °F] max.
200 °C [392 °F] max. (UL)
Size constraints:
None, virtually any size and shape
Geometry:
Specific to customer requirements
Heater trace pattern:
Specific to customer requirements
SERIES NAME
3100 Silicone Wire-wound Heater
SERIES NAME
3200 Silicone Chemically-etched Heater



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com