Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 34 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 34 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 30Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 31Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 32Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 33Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 34Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 35Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 36Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 37Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 38Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
34
www.honeywell.com/sensing
THERMOSTATS - PRECISION
3450R/3450HR/3455R Series Phenolic
Automatic Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product. These products are factory calibrated to the customer’s
specification.
Reset type:
Automatic
Amperage capacity:
15 A resistive max.
Housing material:
Phenolic
Operating temperature range:
0 °C to 150 °C [32 °F to 302 °F]
Environmental exposure range:
0 °C to 177 °C [32 °F to 350 °F]
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
9,63
[0.379]
3450R
3450RC/3450RCH/3455RC Series
Ceramic Automatic Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product.
Reset type:
Automatic
Amperage capacity:
15 A resistive max.
Housing material:
Ceramic
Operating temperature range:
0 °C to 260 °C [32 °F to 500 °F]
Environmental exposure range:
-20 °C to 287 °C [0 °F to 550 °F]
0,51
[0.020]
9,63
[0.379]
16,00
[0.379]
3450RC
SERIES NAME
3450R Phenolic Automatic Reset Thermostat
2,36 [0.093] DIA.
1,57 [0.062] DEEP
6,73
[0.265]
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,12
[0.359]
12,34
[0.486]
13,94
[0.549]
3450HR
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
3455R
SERIES NAME
3450HR Phenolic Automatic Reset Thermostat
SERIES NAME
3455R Phenolic Automatic Reset Thermostat
SERIES NAME
3450RC Ceramic Automatic Reset Thermostat
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
3455RC
3450RCH
2,36 [0.093] DIA.
1,57 [0.062] DEEP
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,04
[0.356]
12,90
[0.508]
14,48
[0.570]
ENCLOSED DISK
SERIES NAME
3450RCH Ceramic Automatic Reset Thermostat
SERIES NAME
3455RC Ceramic Automatic Reset Thermostat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com