Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 24 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 24 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 20Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 21Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 22Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 23Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 24Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 25Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 26Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 27Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 28Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
24
www.honeywell.com/sensing
TEMPERATURE - PROBES
Temperature Sensors - Probes
ES120 Series Coolant/Oil Temperature
Sensor Probes
The ES120 probe is a thermistor mounted into a plastic lead frame and
assembled into a metal body. This subassembly is then overmolded to
produce both the electrical connection system and the hexagonal shape
for easy installation. The all-plastic design reduces heat loss through the
sensor, thereby reducing wind chill effects.
Operating temperature range:
-40 °C to 155 °C [-40 °F to 311 °F]
Encapsulation:
NTC (Negative Temperature Coefficient) encapsulated
in thermal epoxy
Lead material:
Terminals are 2,8 mm x 0,8 mm [0.11 in x 0.03 in] brass
with a copper flash protection layer with final plating to
customer requirement (silver, tin, gold, etc.)
Dissipation constant:
Tor values (time to reach 63.2 % of the difference
between two temperatures) are typically 19 s rising
temperature and 14 s falling temperature
Time constant:
None
Resistance range at 25 °C [77 °F]
2.5 kOhm at 20 °C [68 °F] ±5 %
ES110 Series Inlet Air Temperature
Sensor Probes
The ES110 probe is a thermistor mounted into a plastic lead frame and
assembled into a metal body. This subassembly is then overmolded to
produce both the electrical connection system and the hexagonal shape
for easy installation. Two end configurations are available depending
upon response required or degree of protection. The all-plastic design
reduces heat loss through the sensor, thereby reducing wind chill effects.
Operating temperature range:
-40 °C to 155 °C [-40 °F to 311 °F]
Encapsulation:
Standard NTC (Negative Temperature Coefficient) epoxy
protection
Lead material:
Terminals are 2,8 mm x 0,8 mm [0.11 in x 0.03 in]
brass with a copper flash protection layer with final plating
to customer requirement (silver, tin, gold, etc.)
Dissipation constant:
0.85 mW/°C in still air at 25 °C [77 °F]
Time constant:
1 s in liquids, 12 s max. in still air
Resistance range at 25 °C [77 °F]
2.5 kOhm at 20 °C [68 °F] ±5 %
Temperature Sensor Probes are finished thermister assemblies complete
with thermister housing, extension leads and sometimes a connector. A
variety of customized packages are available.
NOTE: The products in this section do not follow the “how to use this
catalogue” instructions provided in the catalogue introduction. Specific
reference numbers are not given due to their custom nature. Please
contact your local Honeywell sales office for ordering information.
SERIES NAME
ES120 Coolant/Oil Temperature Sensor Probe
SERIES NAME
ES110 Inlet Air Temperature Sensor Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com