Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 61 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 61 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 57Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 58Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 59Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 60Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 61Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 62Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 63Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 64Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 65Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
61
www.honeywell.com/sensing
ZX Series
Approvals:
UL/CSA
Electrical rating:
0.1 A or 3 A
OPTIONS
Top pin plunger
TERMINATION
ELECTRICAL RATING
CONTACT TYPE
REFERENCE
PCB
3 A
silver
ZX40E30A01
Solder
0.1 A
gold
ZX10C10A01
Straight lever
TERMINATION
ELECTRICAL RATING
CONTACT TYPE
REFERENCE
PCB
3 A
silver
ZX40E30C01
Solder
3 A
silver
ZX40E10C01
Simulated roller lever
TERMINATION
ELECTRICAL RATING
CONTACT TYPE
REFERENCE
PCB
3 A
silver
ZX40E30E01
Solder
3 A
silver
ZX40E10E01
ZV Series
Approvals:
UL/ENEC
Electrical rating:
0.1 A, 5 A or 10.1 A
OPTIONS
Top pin plunger
TERMINATION
ELECTRICAL RATING
CONTACT TYPE
REFERENCE
PCB
5 A
silver
ZV50E20A01
Solder
5 A
silver
ZV50E10A01
Quick connect
0.1 A
gold
ZV10B70A01
é2.2
13.0
5.2
1.12
3.4
12.7
é2.05
5.7
2.9
0.5
0.512
0.044
0.134
0.205
é0.081
é0.087
0.224
0.114
0.124
3.15
0.2
0.2
0.504
12.8
0.256
0.9
0.035
5.08
5.08
6.5
0.228
0.049
5.8
1.24
0.016
0.4
3.15
0.9
é2.2
12.8
6.5
5.08
5.08
1.12
12.7
5.2
0.4
5.8
é2.05
1.24
2.9
5.7
0.044
0.205
0.5
0.114
0.224
0.016
0.049
0.228
é0.081
0.504
0.124
0.256
0.035
0.2
0.2
é0.087
3.4
5.2
1.12
12.7
é2.05
é2.2
11.8
0.465
0.5
0.044
0.205
0.134
é0.087
é0.081
0.114
0.224
2.9
5.7
0.228
0.049
5.8
1.24
0.016
0.4
0.124
3.15
0.2
0.2
0.504
12.8
0.256
0.9
0.035
5.08
5.08
6.5
BASIC SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com