Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 17 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 17 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 13Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 14Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 15Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 16Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 17Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 18Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 19Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 20Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 21Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
17
www.honeywell.com/sensing
HEL-700 Series
100/1000 Ohm platinum RTD (Continued)
HEL-705/707/711/712/716/717
Temperature range:
HEL-705/711/716
-200 °C to 260 °C
-320 °F to 500 °F
HEL-707/712/717
-75 °C to 540 °C
-100 °F to 1000 °F
Packaging style:
Ceramic case
Termination:
12 in leadwires
NIST calibration:
None
100 Ohm
(0.00385 Ohm/Ohm/°C DIN standard)
BASE RESISTANCE AND INTERCHANGEABILITY
REFERENCE
Standard
HEL-705-T-0-12-00
Optional
HEL-705-T-1-12-00
Standard
HEL-707-T-0-12-00
Optional
HEL-707-T-1-12-00
Standard
HEL-711-T-0-12-00
Optional
HEL-711-T-1-12-00
Standard
HEL-712-T-0-12-00
Optional
HEL-712-T-1-12-00
Standard
HEL-716-T-0-12-00
Optional
HEL-716-T-1-12-00
Standard
HEL-717-T-0-12-00
Optional
HEL-717-T-1-12-00
1000 Ohm
(0.00375 Ohm/Ohm/°C)
BASE RESISTANCE
NIST CALIBRATION
REFERENCE
AND INTERCHANGEABILITY
Standard
HEL-705-U-0-12-00
Optional
HEL-705-U-1-12-00
Standard
HEL-707-U-0-12-00
Optional
HEL-707-U-1-12-00
Standard
HEL-711-U-0-12-00
Optional
HEL-711-U-1-12-00
Standard
HEL-712-U-0-12-00
Optional
HEL-712-U-1-12-00
Standard
HEL-716-U-0-12-00
Optional
HEL-716-U-1-12-00
Optional
NIST @ 0 and 100 °C
HEL-716-U-1-12-C2
Standard
HEL-717-U-0-12-00
Optional
HEL-717-U-1-12-00
TEMPERATURE- RTDS
TD Series
2000 Ohm silicon RTD
Supply voltage:
10 Vdc
Temperature range:
-40 °C to 150 °C
-40 °F to 302 °F
OPTIONS
TD4A Liquid temperature sensor
PACKAGING STYLE
TERMINATION
REFERENCE
Threaded aluminium case
Leadwires
TD4A
TD5A Subminiature temperature sensor
PACKAGING STYLE
TERMINATION
REFERENCE
Plastic case
SIP
TD5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com