Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 44 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 44 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 40Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 41Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 42Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 43Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 44Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 45Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 46Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 47Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 48Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
44
www.honeywell.com/sensing
2SS Series
Magnetoresistive digital
position sensor
2SS Series position sensors have
magnetoresistive material integrated on silicon
and encapsulated in a plastic package. The
integrated circuit provides a digital output in
response to very low magnetic fields. Though this
signal is identical to our digital Hall effect sensors,
it can be achieved by magnetoresistive sensors at
much greater sensor-to-magnet distances.
Supply voltage:
3.8 Vdc to 30 Vdc
Operating temperature:
-40 °C to 150 °C
-40 °F to 302 °F
Maximum operating point:
25 Gauss
Minimum release point:
5 Gauss
2SS
IC CENTER
3,1
0.12
4,5
0.18
4,5
0.18
3,1
0.12
1,6
0.06
2x 45
˚
2x 5
˚ MAX
15,0
0.59
- O +
OPTIONS
Omnipolar
PACKAGE STYLE
REFERENCE
Radial lead IC
2SS52M
Surface Mount
2SS52M-S
SR13 Series
Hall effect digital position
sensor
SR13 series Hall-effect digital position sensors
permit quick and easy sensor installation, with
snap-in and flat mount sensor packages, and can
house any of the present SS400 series sensors or
any similarly sized sensing elements.
Package style:
Plastic snap-in
Supply voltage:
3.8 Vdc to 30 Vdc
Operating temperature:
-40 °C to 150 °C
-40 °F to 302 °F
OPTIONS
MAXIMUM Operating Point and MINIMUM
Release Point are specified @ 25 °C
Unipolar
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
180 Gauss
75 Gauss
SR13C-A1
115 Gauss
20 Gauss
SR13D-A1
390 Gauss
235 Gauss
SR13F-A1
Bipolar latching
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
85 Gauss
-85 Gauss
SR13R-A1
SR16 Series
Cost effective
digital vane sensor
SR16 series competitively priced Hall-effect digital
vane sensors contain an internal magnet and Hall
effect sensor mounted in a twin tower
configuration.
Package style:
Dual tower
Supply voltage:
3.8 Vdc to 30 Vdc
Operating temperature:
-20 °C to 85 °C
-4 °F to 185 °F
OPTIONS
Type J4
Type J6
Type N
PACKAGE STYLE
REFERENCE
PCB/Molex 5557 connector
SR16C-J4
Wire exit
SR16C-J6
PCB mount leads
SR16C-N
POSITION
POSITION SENSORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com