Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 7Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 8Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 9Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 10Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 11Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 12Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 13Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 14Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 15Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
11
www.honeywell.com/sensing
MASS AIRFLOW
AWM5000 Series - High flow
AWM5000 Series Microbridge Mass Airflow Sensors feature a Venturi type flow housing. They
measure flow as high as 20 standard liters per minute (SLPM) while inducing a maximum pressure
drop of 2.25 inches H
2O. The microbridge chip is in direct contact with the flow stream, greatly
reducing error possibilities due to orifice or bypass channel clogging.
The rugged plastic package has been designed to withstand common mode pressures up to 50
psi, and the small sensing element allows 100 g of shock without compromising performance. The
included “AMP” compatible connector provides reliable connection in demanding applications.
Each AWM5000 sensor contains circuitry which performs amplification, linearization, temperature
compensation, and gas calibration. A 1 to 5 Vdc linear output is possible for all listings regardless of flow
range (5, 10, 15, or 20 SLPM) or calibration gas (nitrogen, carbon dioxide, nitrous oxide, or argon). All
calibration is performed by active laser.
Signal conditioning:
Amplified (1 Vdc to 5 Vdc)
Port style:
Threaded, ¼¨ NPT
FLOW/PRESSURE RANGE
REFERENCE
0 SLPM to 5 SLPM (N
2 calibration)
AWM5101VN
0 SLPM TO 10 SLPM (N
2 calibration)
AWM5102VN
0 SLPM to 20 SLPM (CO
2 calibration)
AWM5104VC
0 SLPM to 20 SLPM (N
2 calibration)
AWM5104VN
AWM700 Series
AWM700 Series microbridge mass airflow sensors provide in-line flow measurement with a specially
designed bypass flow housing. The sensors measure flow as high as 200 standard liters per minute
(SLPM) while inducing a pressure drop of 1 inch H
2O, typically. The AWM700 has a high flow range
capability in a small package.
Signal conditioning:
Amplified (1 Vdc to 5 Vdc)
Port style:
Tapered, 22 mm
FLOW/PRESSURE RANGE
REFERENCE
+ 200 SLPM
AWM720P1
CAUTION
PRODUCT DAMAGE
AWM Series Microbridge Mass Airflow
Sensors are not designed to sense
liquid flow and will be damaged by
liquid flow through the sensor.
Failure to comply with these
instructions could result in product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com