Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 14 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 14 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 10Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 11Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 12Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 13Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 14Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 15Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 16Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 17Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 18Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
14
www.honeywell.com/sensing
FORCE
Model 1865 Force/Pressure Transducer
The Model 1865 is a high-performance transducer specifically designed
to address the needs of medical and specialized OEM applications.
Offering laser-trimmed compensation, the Model 1865 may be specified
to operate with either a constant current or voltage supply.
The Model 1865 employs a solid state piezoresistive pressure
transducer mounted in a plastic package. For applications where force is
applied by a flexible membrane to the sensor, such as found in infusion
pumps, the Model 1865’s precision height silicone diaphragm provides
long life and is a reliable replacement for older force or load cell
transducers. Utilizing a silicon rubber diaphragm, the 1865 is compatible
with some liquid media applications. The Model 1865 may be operated
in either current or voltage excitation, and its output may be amplified or
signal conditioned, as required. The semiconductor-based sensor offers
high resolution using its Wheatstone Bridge strain gauge design. The
height of the unit’s patented, poured-in-place silicon rubber diaphragm
is controlled to ensure sensitivity to low pressure. This diaphragm is
bonded to a plastic header and transmits force applied through a special
silicone gel to the diaphragm of a silicon peizoresistive die. The back of
the die is exposed to atmospheric pressure, which results in a gauge
pressure output.
Pressure over-range protection:
3X span or 60 psi, whichever is least
Media/materials compatibility
Top side:
Room atmosphere, directly applied force, and liquids
compatible with dimethyl silicon, polyetherimide (Ultem)
Bottom side:
Non-corrosive dry gasses and fluids compatible with
silicon, pyrex, RTV silicone, and ceramic
Sensor:
Gauge pressure
Diaphragm:
Dimethyl silicone
Compensation:
Laser trimmed normalised output
PRESSURE
REFERENCE
0 psi to 5 psi
1865-01G-L-N
0 psi to 10 psi
1865-02G-L-N
0 psi to 15 psi
1865-03G-L-N
0 psi to 25 psi
1865-04G-L-N
0 psi to 30 psi
1865-05G-L-N
PRESSURE
REFERENCE
0 psi to 5 psi
1865-01G-K-N
0 psi to 10 psi
1865-02G-K-N
0 psi to 15 psi
1865-03G-K-N
0 psi to 25 psi
1865-04G-K-N
0 psi to 30 psi
1865-05G-K-N
OPTIONS
Excitation 1.5 mA
Excitation 10 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com