Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 46 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 46 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 42Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 43Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 44Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 45Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 46Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 47Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 48Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 49Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 50Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
46
www.honeywell.com/sensing
Optoelectronics is the integration of optical principles and semi-conductor electronics. Optoelectronic
components are reliable, cost effective sensors. Standard infrared emitting diodes (IREDs), sensors and
assemblies are covered.
Infrared sensors are used for presence sensing, motion sensing, position encoding, limit sensing, movement
detection and counting.
Infrared emitting diodes
OPTIONS
Metal package, end-emitting
Coaxial, lead case - SE1450/1470(L)
Miniature pill - SE2460/2470
TO-46, flat window - SE3455/3470
TO-46, dome lensed - SE5455/5470
Operating temperature:
-55 °C to 125 °C (-67 °F to 257 °F)
OUTPUT WAVELENGTH (nm)
BEAM ANGLE (°)
POWER OUTPUT
REFERENCE
935
24
0.70 mW min.
SE1450-003L
880
24
1.10 to 4.50 mW/cm²
SE1470-003L
935
18
1.00 mW min.
SE2460-003
880
18
6.0 mW/sr min.
SE2470-002
935
90
5.4 mW min.
SE3455-004
880
90
10.5 mW min.
SE3470-003
935
20
4.8 mW min.
SE5455-003
880
20
3.5 mW/cm² min.
SE5470-004
Plastic package
T1, end-emitting - SEP8505/8705
Side-emitting - SEP8506/8706
Side-emitting - SEP8736
Operating temperature:
-40 °C to 85 °C (-40 °F to 185 °F)
OUTPUT WAVELENGTH (nm)
BEAM ANGLE (°)
POWER OUTPUT
REFERENCE
935
15
2.0 to 4.0 mW/cm²
SEP8505-003
935
50
0.33 to 0.52 mW/cm²
SEP8506-002
880
15
2.7 to 7.8 mW/cm²
SEP8705-003
880
10
1.7 to 3.0 mW/cm²
SEP8736-003
Ceramic discrete surface mount - glass lens
Note:
This device can be mounted with the lens up or down, looking through PCB.
Operating temperature:
-55 °C to 125 °C (-67 °F to 257 °F)
OUTPUT WAVELENGTH (NM)
BEAM ANGLE (°)
POWER OUTPUT
REFERENCE
880
24
0.60 mW/cm² min.
SME2470-021
INFRARED
Infrared
Products
INFRARED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com