Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 56 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 56 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 52Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 53Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 54Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 55Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 56Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 57Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 58Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 59Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 60Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
56
www.honeywell.com/sensing
LIQUID LEVEL
Honeywell liquid level sensor components incorporate a voltage level switch which provides a digital
output that denotes the presence or absence of liquid.
The mode of operation is derived from the principle of total internal reflection. An LED and detector are
housed within a plastic dome at the head of the device. When no liquid is present, all light from the LED is
totally internally reflected from the dome boundary to the detector. When liquid covers the dome, the
effective refractive index at the dome/liquid boundary changes, allowing some light from the LED to
escape. Thus the amount of light received by the voltage level switch is reduced and the output switches,
denoting the presence of liquid. This method of liquid level sensing is very fast, and instantaneous for
water.
The LL Series is a basic component which requires external circuit protection; this protection is
incorporated in the LLE Series.
Housing:
Polysulphone
Termination:
250 mm lead wires
Supply voltage:
+5 Vdc
Pressure range:
0 to 5 bar
LL Series
Operating temperature:
Standard
-20 °C to 85 °C
-4 °F to 185 °F
High temperature
-40 °C to 125 °C
-40 °F to 257 °F
Storage temperature:
Standard
-40 °C to 100 °C
-40 °F to 212 °F
High temperature
-50 °C to 150 °C
-58 °F to 302 °F
OPTIONS
Type 2
SEAL WASHER
REFERENCE
High temperature
Vamac
LL102101
Type 3
SEAL WASHER
REFERENCE
Standard
Nitrile rubber
LL103000
High temperature
Vamac
LL103101
Type 5
SEAL WASHER
REFERENCE
High temperature
Nitrile rubber
LL105100
Liquid Level
Sensors
LLE Series
Operating temperature:
-25 °C to 80 °C
-13 °F to 176 °F
Storage temperature:
-30 °C to 85 °C
-22 °F to 185 °F
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
;
y
Vcc
RED
OUTPUT
GREEN
SCHMITT
TRIGGER
PHOTO
TRANSISTOR
0 V
BLUE
IRED
VOLTAGE
REGULATOR
OPTIONS
Type 2
19,00
(0.75)
22,49
(0.89)
19,40
(0.76)
12,45
(0.49)
4,70
(0.19)
0,22 mm
Tinned Ends
2
(0.01 in )
2
SEAL WASHER
REFERENCE
Nitrile rubber
LLE102000
Type 5
Ø10,00
+0,10
-0
4,1
(0.16)
13,0
(0.51)
2,3
(0.09)
16,12
(0.63)
0,22 mm
Tinned Ends
2
(0.01 in )
+0.004
-0
(0.39
)
2
SEAL WASHER
REFERENCE
Nitrile rubber
LLE105000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com