Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 12 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 12 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 8Page - Exar Corporation XRT72L13 Datasheet HTML 9Page - Exar Corporation XRT72L13 Datasheet HTML 10Page - Exar Corporation XRT72L13 Datasheet HTML 11Page - Exar Corporation XRT72L13 Datasheet HTML 12Page - Exar Corporation XRT72L13 Datasheet HTML 13Page - Exar Corporation XRT72L13 Datasheet HTML 14Page - Exar Corporation XRT72L13 Datasheet HTML 15Page - Exar Corporation XRT72L13 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
X
Figure 98. Waveform/Timing Relationship between RxLineClk, RxPOS and RxNEG - When RxPOS
and RxNEG are to be sampled on the falling edge of RxLineClk .................................... 292
4.3.2 The Receive DS3 Framer Block ......................................................................................................... 292
Figure 99. A Simple Illustration of the Receive DS3 Framer Block and the Associated Paths to the
Other Functional Blocks ..................................................................................................... 292
Figure 100. The State Machine Diagram for the "Receive DS3 Framer" block's "Frame Acquisition/
Maintenance" Algorithm ..................................................................................................... 293
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) ...................................................... 294
TABLE 31: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (FRAMING ON PARITY) WITHIN THE "RX DS3
CONFIGURATION AND STATUS" REGISTER, AND THE RESULTING "FRAMING ACQUISITION CRITERIA ...
294
"RX DS3 CONFIGURATION AND STATUS" REGISTER, (ADDRESS = 0X10) .................................................... 295
TABLE 32: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (F-SYNC ALGO) WITHIN THE RX DS3 CON-
FIGURATION AND
STATUS REGISTER, AND THE RESULTING "F-BIT OOF DECLARATION CRITERIA" USED
BY THE
"RECEIVE DS3 FRAMER" BLOCK ................................................................................... 295
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) ...................................................... 295
TABLE 33: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 0 (M-SYNC ALGO) WITHIN THE "RX DS3 CON-
FIGURATION AND
STATUS" REGISTER, AND THE RESULTING "M-BIT OOF DECLARATION CRITERIA"
USED BY THE
"RECEIVE DS3 FRAMER" BLOCK .......................................................................... 295
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) ...................................................... 296
I/O CONTROL REGISTER (ADDRESS = 0X01) ............................................................................................. 296
PMON FRAMING BIT ERROR EVENT COUNT REGISTER - MSB (ADDRESS = 0X52) .................................... 296
PMON FRAMING BIT ERROR EVENT COUNT REGISTER - LSB (ADDRESS = 0X53) ..................................... 297
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) ...................................................... 297
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) ...................................................... 298
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) ...................................................... 298
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) ...................................................... 299
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10) ...................................................... 299
RX DS3 STATUS REGISTER (ADDRESS = 0X11) ........................................................................................ 299
RX DS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13) ....................................................................... 300
RXDS3 STATUS REGISTER (ADDRESS = 0X11) ......................................................................................... 300
RXDS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13) ........................................................................ 301
PMON PARITY ERROR EVENT COUNT REGISTER - MSB (ADDRESS = 0X54) ............................................. 301
PMON PARITY ERROR EVENT COUNT REGISTER - LSB (ADDRESS = 0X55) .............................................. 301
Figure 101. A Simple Illustration of the Locations of the “Source”, “Mid-Network” and “Sink” Ter-
minal Equipment (for CP-Bit Processing) ......................................................................... 302
Figure 102. Illustration of the “Presumed Configuration” of the Mid-Network Terminal Equipment .
303
4.3.3 The Receive HDLC Controller Block .................................................................................................. 303
RX DS3 FEAC INTERRUPT ENABLE/STATUS REGISTER (ADDRESS = 0X17) ............................................... 304
RX DS3 FEAC REGISTER (ADDRESS = 0X16) .......................................................................................... 305
RX DS3 FEAC INTERRUPT ENABLE/STATUS REGISTER (ADDRESS = 0X17) ............................................... 305
Figure 103. Flow Diagram depicting how the Receive FEAC Processor Functions ..................... 306
Figure 104. LAPD Message Frame Format ........................................................................................ 307
RX DS3 LAPD CONTROL REGISTER (ADDRESS = 0X18) ........................................................................... 307
RX DS3 LAPD STATUS REGISTER (ADDRESS = 0X19) .............................................................................. 308
TABLE 34: THE RELATIONSHIP BETWEEN RXLAPDTYPE[1:0] AND THE RESULTING LAPD MESSAGE TYPE AND
SIZE
.......................................................................................................................................... 308
Figure 105. Flow Chart depicting the Functionality of the LAPD Receiver .................................... 310
4.3.4 The Receive Overhead Data Output Interface ................................................................................... 310
Figure 106. A Simple Illustration of the "Receive Overhead Output Interface" block .................. 311
TABLE 35: LISTING AND DESCRIPTION OF THE PIN ASSOCIATED WITH THE RECEIVE OVERHEAD DATA OUTPUT
INTERFACE" BLOCK .................................................................................................................. 312
Figure 107. Illustration of how to interface the Terminal Equipment to the “Receive Overhead Data
Output Interface” block (for Method 1). ............................................................................. 313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com