Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 24 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 24 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 20Page - Exar Corporation XRT72L13 Datasheet HTML 21Page - Exar Corporation XRT72L13 Datasheet HTML 22Page - Exar Corporation XRT72L13 Datasheet HTML 23Page - Exar Corporation XRT72L13 Datasheet HTML 24Page - Exar Corporation XRT72L13 Datasheet HTML 25Page - Exar Corporation XRT72L13 Datasheet HTML 26Page - Exar Corporation XRT72L13 Datasheet HTML 27Page - Exar Corporation XRT72L13 Datasheet HTML 28Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
12
60
RxDS1Clk_1/
RxHDLCClk
O
Receive DS1/E1 Clock Output - Channel 0/Receive HDLC Con-
troller Clock Output:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Receive DS1/E1 Clock Output - Channel 1 (Multiplexer/De-Multi-
plexer Mode):
This pin outputs either a DS1 (1.544MHz) or an E1 (2.048MHz) clock
signal to the Terminal Equipment. The XRT72L13 will update the data
on the "RxDS1Data_0" line, upon the rising edge of this signal.
Receive HDLC Clock Output pin (High Speed HDLC Controller
Mode)
The contents of the "received" HDLC frames are output via the
RxHDLC_Data[7:0] bus, upon the rising edge of this input pin.
61
RxDS1Data_0/
RxHDLC_Data_0
O
Receive DS1/E1 Data Output - Channel 0/Receive HDLC Control-
ler Block Output - Bit 0:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Receive DS1/E1 Data Output - Channel 0 (Multiplexer/De-Multi-
plexer Mode)
This pin outputs either a DS1 or E1 signal from the M12 multiplexer.
Each bit, within the DS1 or E1 data stream is output upon the rising
edge of RxDS1Clk_0.
Receive HDLC Controller Block Output - Bit 0: (High Speed HDLC
Controller Mode)
This output pin along with RxHDLC_Data[1:7] output the contents of
all HDLC frames that have been received (via the DS3 payload) from
the remote terminal equipment.
The data on this output pin is updated upon the rising edge of "RxH-
DLCClk".
NOTE: This pin is inactive while the Receive HDLC Controller is
receiving the "Flag Sequence" octet.
62
VDD
****
Power Supply Pin
63
RxDS1Clk_0/
TxHDLCClk
O
Receive DS1/E1 Clock Output - Channel 0/Transmit HDLC Con-
troller Clock Output:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Receive DS1/E1 Clock Output - Channel 0 (Multiplexer/De-Multi-
plexer Mode):
This pin outputs either a DS1 (1.544MHz) or an E1 (2.048MHz) clock
signal to the Terminal Equipment. The XRT72L13 will update the data
on the "RxDS1Data_0" line, upon the rising edge of this signal.
Transmit HDLC Controller Clock Output (High Speed HDLC Con-
troller Mode):
The data on the "TxHDLC_Data[7:0] bus, are latched into the "Trans-
mit HDLC Controller" block upon the rising edge of this clock signal.
64
RESET
I
Reset Input:
When this "active-low" signal is asserted, the Framer will be asyn-
chronously reset. Additionally, all outputs will be "tri-stated", and all
on-chip registers will be reset to their default values.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com