Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 26Page - Exar Corporation XRT72L13 Datasheet HTML 27Page - Exar Corporation XRT72L13 Datasheet HTML 28Page - Exar Corporation XRT72L13 Datasheet HTML 29Page - Exar Corporation XRT72L13 Datasheet HTML 30Page - Exar Corporation XRT72L13 Datasheet HTML 31Page - Exar Corporation XRT72L13 Datasheet HTML 32Page - Exar Corporation XRT72L13 Datasheet HTML 33Page - Exar Corporation XRT72L13 Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
18
99
TxDS1Clk_25
I
Transmit DS1/E1 Clock Input - Channel 25:
This input pin accepts either a DS1 (1.544MHz) or an E1 (2.048MHz)
clock signal from the Terminal Equipment. The falling edge of this sig-
nal is used to sample the data at the "TxDS1Data_25" input pin.
100
TxDS1Data_24/
TxHDLCData_4
I
Transmit DS1/E1 Data Input - Channel 24/Transmit HDLC Control-
ler Block Input - Bit 4:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Transmit DS1/E1 Data Input - Channel 24 (Multiplexer/De-Multi-
plexer Mode):
This input pin accepts either a DS1 or E1 signal from the Terminal
Equipment. This input pin is sampled upon the "falling edge" of the
TxDS1Clk_24 signal.
Transmit HDLC Controller Block Input - Bit 4: (High Speed HDLC
Controller Mode)
This input pin, along with TxHDLC_Data[0:3] and TxHDLC_Data[5:7]
function as the "Transmit HDLC Controller Byte input interface. Data
that resides on this bus, during the rising edge of "TxHDLCClk" is
latched into the "Transmit HDLC Controller Block" and will be encap-
sulated into a HDLC frame and transmitted to the remote terminal
equipment.
101
TxDS1Clk_24
I
Transmit DS1/E1 Clock Input - Channel 24:
This input pin accepts either a DS1 (1.544MHz) or an E1 (2.048MHz)
clock signal from the Terminal Equipment. The falling edge of this sig-
nal is used to sample the data at the "TxDS1Data_24" input pin.
102
TxDS1Data_23/
TxHDLCData_3
I
Transmit DS1 Data Input - Channel 23/Transmit HDLC Controller
Block Input - Bit 3:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Transmit DS1 Data Input - Channel 23 (Multiplexer/De-Multiplexer
Mode):
This input pin accepts a DS1 signal from the Terminal Equipment.
This input pin is sampled upon the "falling edge" of the TxDS1Clk_1
signal.
NOTES:
1. This input pin is inactive if the corresponding M12 MUX is
multiplexing 3 E1's into an ITU-T G.747 data stream.
2. This input pin accepts DS2 data if M12 MUX # 6 is bypassed.
Transmit HDLC Controller Block Input - Bit 3: (High Speed HDLC
Controller Mode)
This input pin, along with TxHDLC_Data[0:2] and TxHDLC_Data[4:7]
function as the "Transmit HDLC Controller Byte input interface. Data
that resides on this bus, during the rising edge of "TxHDLCClk" is
latched into the "Transmit HDLC Controller Block" and will be encap-
sulated into a HDLC frame and transmitted to the remote terminal
equipment.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com