Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 99 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 99 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 95Page - Exar Corporation XRT72L13 Datasheet HTML 96Page - Exar Corporation XRT72L13 Datasheet HTML 97Page - Exar Corporation XRT72L13 Datasheet HTML 98Page - Exar Corporation XRT72L13 Datasheet HTML 99Page - Exar Corporation XRT72L13 Datasheet HTML 100Page - Exar Corporation XRT72L13 Datasheet HTML 101Page - Exar Corporation XRT72L13 Datasheet HTML 102Page - Exar Corporation XRT72L13 Datasheet HTML 103Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
87
This “Read-Only” bit-field indicates whether or not an
“M13 Multiplexer” related interrupt has been request-
ed and is awaiting service.
If this bit-field is set to “0”, then there are no “M13
Multiplexer” related interrupts awaiting service. Con-
versely, if this bit-field is set to “1”, then there is at
least one “M13 Multiplexer” related interrupt, awaiting
service.
Bit 1 - Tx DS3 Interrupt Status
This “Read-Only” bit-field indicates whether or not a
“Transmit DS3 Framer” related interrupt has been re-
quested and is awaiting service.
If this bit-field is set to “0”, then there are no “Transmit
DS3 Framer” related interrupts awaiting service.
Conversely, if this bit-field is set to “1”, then there is at
least one “Transmit DS3 Framer” related interrupt,
awaiting service.
Bit 0 - One Second Interrupt Status
This “Reset-upon-Read” bit-field indicates whether or
not a “One Second” interrupt has been requested and
is awaiting service.
If this bit-field is set to “0”, then the “One Second” in-
terrupt is not awaiting service. Conversely, if this bit-
field is set to “1”, then the “One Second” interrupt is
awaiting service.
NOTE: This bit-field will be cleared immediately after the
Microprocessor/Microcontroller has read this register.
2.3.2.8
RxFIFO Control Register
Bit 1 - RxFIFO32 - 32/64 Operating Depth Select
This “Read/Write” bit-field permits the user to config-
ure the operating depth of the “de-jitter” FIFO to be ei-
ther 32 or 64 bits.
Setting this bit-field to “0” configures the operating
depth of the “De-Jitter” FIFO to be 64 bits.
Setting this bit-field to “1” configures the operating
depth of the “De-Jitter” FIFO to be 32 bits.
NOTE: This bit-field is ignored if the “De-Jitter FIFO” is dis-
abled.
Bit 0 - RxFIF0 Enable
This “Read/Write” bit-field permits the user to enable
or disable the “De-Jitter” FIFO within the XRT72L13.
Setting this bit-field to “0” disables the “De-Jitter”
FIFO.
Setting this bit-field to “1” enables the “De-Jitter” FIFO
2.3.2.9
M23 Configuration Register
Bit 6 - Payload HDLC Controller Enable
This bit-field along with “M13 Disable” (bit 4) pemits
the user to specify whether the XRT72L13 M13 de-
vice is to operate in either of the following modes.
• The “M13/Channelized” Mode
• The “DS3 Clear Channel Framer” Mode
• The “High Speed HDLC Controller” Mode.
The relationship between these two bit-fields and the
resulting operating operating mode of the XRT72L13
M13 device is tabulated below.
RXFIFO CONTROL REGISTER (ADDRESS = 0X06)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
RxFIFO32
RxFIFO
Enable
R/O
R/O
R/O
R/O
R/O
R/O
R/W
R/W
0
0000
000
M23 CONFIGURATION REGISTER (ADDRESS = 0X07)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Payload
HDLC
Controller
Enable
RxDS1Clk
Gapped
(CRC-32)
M13
Disable
M13
Loopback/
(Remote
Loopback)
Tributary
Polarity
M23
Loopback
Code[1]
M23
Loopback
Code[0]
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com