Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 80 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 80 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 76Page - Exar Corporation XRT72L13 Datasheet HTML 77Page - Exar Corporation XRT72L13 Datasheet HTML 78Page - Exar Corporation XRT72L13 Datasheet HTML 79Page - Exar Corporation XRT72L13 Datasheet HTML 80Page - Exar Corporation XRT72L13 Datasheet HTML 81Page - Exar Corporation XRT72L13 Datasheet HTML 82Page - Exar Corporation XRT72L13 Datasheet HTML 83Page - Exar Corporation XRT72L13 Datasheet HTML 84Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
68
6. The µC/µP should then place the byte or word
that it intends to write into the "target" register, on
the bi-directional data bus, D[7:0].
7. After waiting the appropriate amount of time, for
the data (on the bi-directional data bus) to settle;
the µC/µP should toggle the WRB_RW (Write
Strobe) input pin "high". This action accom-
plishes two things:
a. It latches the contents of the bi-directional data
bus into the XRT 72L13 DS3 Framer Micropro-
cessor Interface block.
b. It terminates the write cycle.
Figure 35 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during an "Intel-type" Programmed I/O Write Opera-
tion.
2.2.2.1.2
Programmed I/O Access in the Motor-
ola Mode
If the XRT 72L13 DS3 Framer is interfaced to a "Mo-
torola-type" µC/µP (e.g., the MC680X0 family, etc.); it
should be configured to operate in the "Motorola"
mode (by tying the "MOTO" pin to Vcc). Motorola-
type Programmed I/O "Read" and "Write" operations
are described below.
2.2.2.1.2.1
The Motorola Mode Read Cycle
Whenever a "Motorola-type" µC/µP wishes to read
the contents of a register or some location within the
Receive LAPD Message or Receive OAM Cell Buffer,
(within the Framer device) it should do the following.
1. Assert the ALE_AS (Address-Strobe) input pin by
toggling it low. This step enables the Address
Bus input drivers, within the Microprocessor Inter-
face Block of the Framer IC.
2. Place the address of the "target" register (or
buffer location) within the Framer, on the Address
Bus input pins, A[8:0].
3. At the same time, the Address Decoding circuitry
(within the user's system) should assert the CS*
(Chip Select) input pin of the Framer device, by
toggling it "low". This action enables further com-
munication between the µC/µP and the Framer
Microprocessor Interface block.
4. After allowing the data on the Address Bus pins
to settle (by waiting the appropriate "Address
Setup" time), the µC/µP should toggle the
ALE_AS input pin "high". This step causes the
Framer device to latch the contents of the
"Address Bus" into its internal circuitry. At this
point, the address of the register or buffer loca-
tion (within the Framer) has now been selected.
5. Further, the µC/µP should indicate that this cycle
is a "Read" cycle by setting the WRB_RW (R/W*)
input pin "high".
6. Next the µC/µP should initiate the current bus
cycle by toggling the RdB_DS (Data Strobe) input
pin "low". This step enables the bi-directional
data bus output drivers, within the XRT 72L13
DS3 Framer. At this point, the bi-directional data
bus output drivers will proceed to driver the con-
tents of the "Address" register onto the bi-direc-
tional data bus, D[7:0].
7. After some settling time, the data on the "bi-direc-
tional" data bus will stabilize and can be read by
the µC/µP. The XRT 72L13 DS3 Framer will indi-
cate that this data can be read by asserting the
Rdy_Dtck (DTACK) signal.
8. After the µC/µP detects the Rdy_Dtck signal
(from the XRT 72L13 DS3 Framer) it will termi-
FIGURE 35. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING AN "INTEL-TYPE" PROGRAMMED I/
O WRITE OPERATION
ALE_AS
A[8:0]
CS*
D[15:0]
WRB_RW
Data to be Written
Address of Target Register
RdB_DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com