Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 23Page - Exar Corporation XRT72L13 Datasheet HTML 24Page - Exar Corporation XRT72L13 Datasheet HTML 25Page - Exar Corporation XRT72L13 Datasheet HTML 26Page - Exar Corporation XRT72L13 Datasheet HTML 27Page - Exar Corporation XRT72L13 Datasheet HTML 28Page - Exar Corporation XRT72L13 Datasheet HTML 29Page - Exar Corporation XRT72L13 Datasheet HTML 30Page - Exar Corporation XRT72L13 Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
15
84
Rd_DS
I
Read Data Strobe (Intel Mode):
If the microprocessor interface is operating in the Intel Mode, then this
input will function as the RD* (READ STROBE) input signal from the
local mP. Once this active-low signal is asserted, then the Framer will
place the contents of the addressed registers (within the Framer) on
the Microprocessor Data Bus (D[7:0]). When this signal is negated,
the Data Bus will be tri-stated.
Data Strobe (Motorola Mode):
If the microprocessor interface is operating in the Motorola mode,
then this pin will function as the active-low Data Strobe signal.
85
D6
I/O
Bi-directional Data Bus (Microprocessor Interface Section):
Please see description for D7
86
A7
I
Address Bus Input (Microprocessor Interface):
(Please see description for A8)
87
VDD
****
Power Supply Pin
88
WR_RW
I
Write Data Strobe (Intel Mode)
If the microprocessor interface is operating in the Intel Mode, then this
active-low input pin functions as the WR* (Write Strobe) input signal
from the mP. Once this active-low signal is asserted, then the Framer
will latch the contents of the mP Data Bus, into the addressed register
(or RAM location) within the Framer IC.
R/W Input Pin (Motorola Mode)
When the Microprocessor Interface Section is operating in the "Motor-
ola Mode", then this pin is functionally equivalent to the "R/W*" pin. In
the Motorola Mode, a "READ" operation occurs if this pin is at a logic
"1". Similarly, a WRITE operation occurs if this pin is at a logic "0".
89
D7
I/O
MSB of Bi-Directional Data Bus (Microprocessor Interface Sec-
tion):
This pin, along with pins D0 - D6, function as the Microprocessor
Interface bi-directional data bus, and is intended to be interfaced to
the "local" microprocessor.
90
A8
I
Address Bus Input (Microprocessor Interface) - MSB (Most Sig-
nificant Bit):
This input pin, along with inputs A0 - A7 are used to select the on-chip
Framer register and RAM space for READ/WRITE operations with the
"local" microprocessor.
91
GND (TEST MODE)
****
Ground Pin
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com