Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 84 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 84 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 80Page - Exar Corporation XRT72L13 Datasheet HTML 81Page - Exar Corporation XRT72L13 Datasheet HTML 82Page - Exar Corporation XRT72L13 Datasheet HTML 83Page - Exar Corporation XRT72L13 Datasheet HTML 84Page - Exar Corporation XRT72L13 Datasheet HTML 85Page - Exar Corporation XRT72L13 Datasheet HTML 86Page - Exar Corporation XRT72L13 Datasheet HTML 87Page - Exar Corporation XRT72L13 Datasheet HTML 88Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
72
At the completion of this initial read cycle, the µC/µP
has read in the contents of the first register or buffer
location (within the XRT 72L13 DS3 Framer) for this
particular burst I/O access operation. In order to illus-
trate how this "burst access operation" works, the
byte (or word) of data, that is being read in Figure 38,
has been labeled "Valid Data at Offset = 0x00". This
label indicates that the µC/µP is reading the very first
register (or buffer location) in this burst access opera-
tion.
2.2.2.2.1.1.2
The Subsequent Read Operations
The procedure that the µC/µP must use to perform
the remaining read cycles, within this Burst Access
operation, is presented below.
B.0
Execute each subsequent Read Cycles, as
described in steps 1 through 3 below.
B.1
Without toggling the ALE_AS input pin (e.g.,
keeping it "low"); toggle the RdB_DS input pin
"low". This step accomplishes the following.
a. The Framer will internally increments the "latched
address" value (within the Microprocessor Inter-
face circuitry).
b. The output drivers of the "bi-directional" data bus,
D[7:0] are enabled. At some time later, the regis-
ter or buffer location corresponding to the "incre-
mented" latched address value will be driven onto
the bi-directional data bus.
B.2
Immediately after the "Read Strobe" pin toggles
"low" the Framer IC will toggle the Rdy_Dtck
(READY) output pin "low" to indicate its "NOT
READY" status.
B.3
After some settling time, the data on the bi-
directional data bus will stabilize and can be
read by the µC/µP. The XRT 72L13 DS3
Framer will indicate that this data is ready to be
read by toggling the Rdy_Dtck (READY) signal
"high".
B.4
After the µC/µP detects the Rdy_Dtck signal
(from the XRT 72L13 DS3 Framer), it can then
FIGURE 38. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING THE "INITIAL" READ OPERATION
OF A
BURST CYCLE (INTEL TYPE PROCESSOR)
ALE_AS
RDB_DS
A[8:0]
CS*
D[15:0]
Rdy_Dtck
Not Valid
Valid Data of Offset = 0x00
Address of “Initial” Target Register (Offset = 0x00)
WRB_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com