Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 86 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 86 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 82Page - Exar Corporation XRT72L13 Datasheet HTML 83Page - Exar Corporation XRT72L13 Datasheet HTML 84Page - Exar Corporation XRT72L13 Datasheet HTML 85Page - Exar Corporation XRT72L13 Datasheet HTML 86Page - Exar Corporation XRT72L13 Datasheet HTML 87Page - Exar Corporation XRT72L13 Datasheet HTML 88Page - Exar Corporation XRT72L13 Datasheet HTML 89Page - Exar Corporation XRT72L13 Datasheet HTML 90Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
74
contents, on the Address Bus pins, A[8:0], into
the XRT 72L13 DS3 Framer Microprocessor
Interface block. At this point, the "initial"
address of the "burst access" has now been
selected.
NOTE: The ALE_AS input pin should remain "low" for the
remainder of this "Burst I/O Access" operation.
A.5
Next, the µC/µP should indicate that this cur-
rent bus cycle is a "Write" operation by keeping
the RdB_DS pin "high" and toggling the
WRB_RW (Write Strobe) pin "low". This action
also enables the "bi-directional" data bus input
drivers of the Framer device.
A.6
The µC/µP places the byte (or word) that it
intends to write into the "target" register on the
"bi-directional data" bus, D[7:0].
A.7
After waiting the appropriate amount of time, for
the data (on the bi-directional data bus) to set-
tle, the µC/µP should toggle the WRB_RW
(Write Strobe) input pin "high". This action
accomplishes two things.
a. It latches the contents of the bi-directional data
bus into the XRT 72L13 DS3 Framer Micropro-
cessor Interface Block.
b. It terminates the write cycle.
Figure 40 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during the "initial" write operation within a Burst Ac-
cess, for an "Intel-type" µC/µP.
At the completion of this initial write cycle, the µC/µP
has written a byte or word into the first register or
buffer location (within the XRT 72L13 DS3 Framer) for
this particular burst access operation. In order to il-
lustrate this point, the byte (or word) of data, that is
being written in Figure 40 has been labeled "Data to
be Written (Offset = 0x00)".
2.2.2.2.1.2.2
The Subsequent Write Operations
The procedure that the µC/µP must use to perform
the remaining write cycles, within this burst access
operation, is presented below.
B.0
Execute each subsequent write cycle, as
described in steps B.1 through B.3.
B.1
Without toggling the ALE_AS input pin (e.g.,
keeping it "low"); apply the value of the next
FIGURE 40. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING THE "INITIAL" WRITE OPERATION
OF A
BURST CYCLE (INTEL-TYPE PROCESSOR)
ALE_AS
A[8:0]
CS*
D[7:0]
WRB_RW
Data to be Written (Offset = 0x00)
Address of “Initial” Target Register (Offset = 0x00)
RdB_DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com