Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 74 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 74 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 70Page - Exar Corporation XRT72L13 Datasheet HTML 71Page - Exar Corporation XRT72L13 Datasheet HTML 72Page - Exar Corporation XRT72L13 Datasheet HTML 73Page - Exar Corporation XRT72L13 Datasheet HTML 74Page - Exar Corporation XRT72L13 Datasheet HTML 75Page - Exar Corporation XRT72L13 Datasheet HTML 76Page - Exar Corporation XRT72L13 Datasheet HTML 77Page - Exar Corporation XRT72L13 Datasheet HTML 78Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
62
A more detailed description of the "High Speed HDLC
Controller" Mode will be presented in the next update
of this document.
2.0
THE MICROPROCESSOR INTERFACE
BLOCK
The Microprocessor Interface section supports com-
munication between the "local" microprocessor (µP)
and the Framer IC. In particular, the Microprocessor
Interface section supports the following operations
between the local microprocessor and the Framer.
• The writing of configuration data into the Framer
on-chip (addressable) registers.
• The writing of an "outbound" PMDL µPath Mainte-
nance Data Link) message into the "Transmit LAPD
Message" buffer (within the Framer IC).
• The Framer IC's generation of an Interrupt Request
to the µP.
• The µP's servicing of the interrupt request from the
Framer IC.
• The monitoring of the system's "health" by periodi-
cally reading the on-chip Performance Monitor reg-
isters.
• The reading of an "inbound" PMDL Message from
the "Receive LAPD" Message Buffer (within the
Framer IC).
Each of these operations (between the local micro-
processor and the Framer IC) will be discussed in
some detail, throughout this data sheet.
Figure 33 presents a simple block diagram of the Mi-
croprosser Interface Block.
FIGURE 32. ILLUSTRATION OF THE XRT72L13 M13 MULTIPLEXER/FRAMER IC, WHEN IT HAS BEEN CONFIGURED TO
OPERATE IN THE
"HIGH SPEED HDLC CONTROLLER" MODE
Tx HDLC Controller
Block (DS3 Payload)
Tx HDLC Controller
Block (DS3 Payload)
Rx HDLC Controller
Block (DS3 Payload)
Rx HDLC Controller
Block (DS3 Payload)
Clear Channel
DS3 Framer
Clear Channel
DS3 Framer
Microprocessor
Interface
Microprocessor
Interface
TxHDLC_Dat[0:7]
TxHDLCClk
Send_FCS
RxHDLC_Dat[0:7]
RxHDLCClk
RxIDLE
Valid_FCS
TxPOS
TxNEG
TxLineClk
RxPOS
RxNEG
RxLineClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com