| Electronic Components Datasheet Search |
|
XRT72L13 Datasheet(PDF) 40 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT72L13 Datasheet(HTML) 40 Page - Exar Corporation |
|
40 / 370 page ![]() XRT72L13 áç áç áç áç M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC REV. P1.0.6 PRELIMINARY 28 167 TxOHIns I Transmit Overhead Data Insert Input. Asserting this input signal (e.g., setting it "high") enables the Transmit Overhead Data Input Interface to accept "overhead" data from the Terminal Equipment. In other words, while this input pin is "high", the Transmit Overhead Data Input Interface will sample the data at the "TxOH" input pin, on the falling edge of the "TxOHClk" output signal. Conversely, setting this pin "low" configures the "Transmit Overhead Data Input Interface" to NOT sample (e.g., ignore) the data at the "TxOH" input pin, on the falling edge of the "TxOHClk" output signal. NOTES: 1. If the Terminal Equipment attempts to insert an overhead bit that cannot be accepted by the "Transmit Overhead Data Input Interface" (e.g., if the Terminal Equipment asserts the "TxOHIns" signal, at a time when one of these "non-insert- able" overhead bits are being processed); that particular insertion effort will be ignored. 2. This pin is only used in “Clear-Channel Framer” applications. 168 TxAISEn I Transmit AIS Command Input: Setting this input pin "high" configures the XRT72L13 to transmit an AIS (Alarm Indication Signal) pattern to the remote terminal. Setting this input pin “low” configures the Transmit Section to generate DS3 traffic in a normal manner. 169 TxOHFrame O Transmit Overhead Frame: This output pin pulses "high" when the Transmit Overhead Data Input Interface block is expecting the first Overhead bit, within a DS3 frame to be applied to the TxOH input pin. This pin is "high" for one clock period of TxOHClk. 170 TxOHEnable O Transmit Overhead Frame Enable: The XRT72L13 will assert this signal, for one “TxInClk” period, just prior to the instant that the “Transmit Overhead Data Input Interface” will be sampling and processing an overhead bit. If the Terminal Equipment intends to insert its own value for an over- head bit, into the outbound DS3 frame, it is expected to sample the state of this signal, upon the falling edge of “TxInClk”. Upon sampling the “TxOHEnable” high, the Terminal Equipment should (1) place the desired value of the overhead bit, onto the “TxOH” input pin and (2) assert the “TxOHIns” input pin. The Transmit Overhead Data Input Interface” block will sample and latch the data on the “TxOH” signal, upon the rising edge of the very next “TxInClk” input signal. PIN DESCRIPTIONS PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |